W2VS-151B-R/N
AI

The **W2VS-151B-R/N** is a precision signal transducer (signal conditioner) manufactured by **Watanabe Electric Industry**. It is primarily used in industrial automation to convert standard analog signals into isolated DC outputs.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Model Type** | W2VS (Thin-type Signal Conditioner) |
| **Input Signal** | 4 to 20 mA DC |
| **Output 1** | 1 to 5 V DC |
| **Output 2** | 4 to 20 mA DC |
| **Power Supply** | 100 to 240V AC (Standard) / 24V DC (Optional) |
| **Accuracy** | ±0.1% of span |
| **Isolation** | 3-way isolation (Input, Output, Power) |
| **Mounting** | DIN Rail Mount |
---
### 2. Core Electronic Functions
The internal circuitry of the W2VS-151B-R/N performs several critical electronic tasks:
* **Signal Conversion:** It takes a current loop input (4-20mA) and converts it into high-precision voltage or current outputs. This allows a single sensor signal to be shared between two different devices (e.g., a PLC and a local display).
* **Galvanic Isolation:** The device uses transformer or optical isolation to separate the input, output, and power circuits. This prevents **ground loops** and protects sensitive control equipment from high-voltage surges on the field side.
* **Active Filtering:** The internal electronics include low-pass filters to remove high-frequency noise and electromagnetic interference (EMI) from the input signal, ensuring a stable output.
* **Impedance Matching:** It provides a high input impedance to the source and a low output impedance to the load, ensuring signal integrity over long wire runs.
---
### 3. Application Use-Case
In a typical industrial setup, the **W2VS-151B-R/N** acts as a "buffer."
1. **Input:** A pressure transmitter in the field sends a 4-20mA signal.
2. **Processing:** The W2VS isolates the signal to ensure electrical noise from the motor nearby doesn't ruin the data.
3. **Output:** It splits the signal. Output 1 (1-5V) goes to a **Data Logger**, while Output 2 (4-20mA) goes to a **PID Controller**.
---
### 4. Component Wiring Overview
```text
Terminal Layout (Typical):
[1] Power (L/+)
[2] Power (N/-)
[3] Input (+)
[4] Input (-)
[5] Output 1 (+)
[6] Output 1 (-)
[7] Output 2 (+)
[8] Output 2 (-)
```
- ⤷
What are the specific environmental operating temperature limits for the W2VS series?
- ⤷ How does 3-way isolation differ from 2-way isolation in this model?
- ⤷ Can the output signals be calibrated or adjusted manually on the unit?