công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2VS-121-R2

  • AI
    The **W2VS-121-R2** is a high-performance **Signal Conditioner** (specifically a signal isolator/transmitter) manufactured by **Watanabe Electric Industry**. It is designed to convert and isolate various analog signals in industrial automation environments. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the W2VS-121-R2: | Feature | Specification | |:---|:---| | **Input Signal** | 4 to 20 mA DC | | **Output 1** | 4 to 20 mA DC | | **Output 2** | 1 to 5 V DC | | **Power Supply** | 24V DC (±10%) | | **Accuracy** | ±0.1% of Full Scale | | **Response Time** | Approx. 25ms (0 to 90%) | | **Isolation** | Input / Output / Power (3-way isolation) | | **Mounting** | DIN Rail Mounting | --- ### 2. Core Electronic Components & Architecture The device functions through three main internal stages: 1. **Input Conditioning Stage:** Uses a precision shunt resistor to convert the input current (4-20mA) into a voltage signal. It includes surge protection components to prevent damage from line spikes. 2. **Isolation Barrier:** This is the "heart" of the device. It uses high-speed **Optocouplers** or **Magnetic Transformers** to transmit the signal across a physical gap. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. 3. **Output Driver Stage:** * **Channel 1 (Current):** A constant current source circuit ensures the 4-20mA signal remains stable regardless of the load resistance. * **Channel 2 (Voltage):** A precision operational amplifier (Op-Amp) buffers the signal to provide a steady 1-5V output. --- ### 3. Key Electronic Features * **Dual Output:** The "2" in the model name indicates two independent outputs. This allows one signal to be sent to a local display while the other goes to a control system. * **Zero/Span Adjustment:** Small potentiometers are located on the front panel to allow fine-tuning of the electronic output levels. * **Dielectric Strength:** Usually rated for **2000V AC** for 1 minute between all terminals, ensuring high electronic reliability in noisy electrical environments. --- ### 4. Wiring Diagram Representation The basic electronic connection interface typically follows this logic: ```text [Field Device] ----> [Terminals 1(+) & 2(-)] (Input 4-20mA) [Power Supply] ----> [Terminals 7(+) & 8(-)] (24V DC) [Output 1] ----> [Terminals 3(+) & 4(-)] (4-20mA to PLC) [Output 2] ----> [Terminals 5(+) & 6(-)] (1-5V to Monitor) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 4-20mA output?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this model?
    • ⤷ Can this unit be configured for different input ranges?