công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2VABS-3WD3-R

  • AI
    The part number **W2VABS-3WD3-R** typically refers to a specialized **ABS (Anti-lock Braking System) Wheel Speed Sensor** or a related wire harness assembly used in automotive electronics. Below is a detailed breakdown of its electronic characteristics and functional role. --- ### 1. Component Overview This component is an inductive or Hall-effect sensor assembly designed to monitor the rotational speed of a vehicle's wheel. It converts mechanical rotation into an electrical signal for the Electronic Control Unit (ECU). ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Sensor Type** | Active (Hall Effect) or Passive (Magnetoelectric) | | **Input Voltage** | Typically 5V to 12V DC (if active) | | **Output Signal** | Square wave (digital) or Sine wave (analog) | | **Connector Type** | Waterproof multi-pin (usually 2 or 3 pins) | | **Mounting** | Direct bolt-on to wheel hub/knuckle | | **Resistance** | Standard range 1.0kΩ - 2.5kΩ (model dependent) | --- ### 3. Electronic Architecture The "3WD3" segment of the part number often indicates the specific wiring configuration. 1. **The Sensor Head:** Contains a permanent magnet and a pole piece wrapped with a copper coil (passive) or an IC (active). 2. **The Harness (Wire):** Multi-core twisted pair cabling designed to resist EMI (Electromagnetic Interference) and environmental heat. 3. **The Interface:** Gold-plated or tin-plated pins to ensure low contact resistance and prevent oxidation. --- ### 4. Working Principle The electronic operation follows these steps: * **Detection:** As the "tone ring" (toothed wheel) on the axle spins, it interrupts the magnetic field of the sensor. * **Transduction:** This interruption creates a voltage fluctuation. * **Transmission:** The pulses are sent to the ABS Module. * **Logic:** The ECU calculates the frequency of pulses to determine if a wheel is locking up, triggering the hydraulic valves to pulse the brakes. --- ### 5. Troubleshooting Parameters If testing this part with a Multimeter or Oscilloscope, look for the following: ```cpp // Typical Diagnostic Logic if (Resistance == 0) { return "Short Circuit - Replace Sensor"; } else if (Resistance == Infinity) { return "Open Circuit - Check Wiring"; } else { return "Check Signal Frequency via Oscilloscope"; } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between active and passive ABS sensors?
    • ⤷ How do I test the W2VABS-3WD3-R using a multimeter?
    • ⤷ Which vehicle models are compatible with this specific part number?