công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TS-NBC-R2/Q

  • AI
    The **W2TS-NBC-R2/Q** is a high-performance industrial wireless transmitter typically used in sensor networking and remote monitoring systems. It is designed to convert analog or digital signals into a wireless format for long-range transmission. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics of the unit: | Feature | Specification | | :--- | :--- | | **Input Type** | Multi-input (Thermocouple, RTD, DC Voltage/Current) | | **Wireless Protocol** | IEEE 802.15.4 (Proprietary or ZigBee-based stacks) | | **Frequency Band** | 2.4 GHz ISM Band | | **Transmission Range** | Up to 1km (Line of sight, depending on antenna) | | **Power Supply** | 10–30V DC or Internal Battery (model dependent) | | **Output** | Wireless Digital Signal / RS-485 Modbus RTU | | **Protection Rating** | IP65 / NEMA 4X | --- ### 2. Electronic Component Breakdown #### A. Signal Conditioning Module This section handles the raw input from sensors. It utilizes high-precision **Analog-to-Digital Converters (ADCs)** to ensure that the data being sent wirelessly is accurate. It includes: * **Galvanic Isolation:** Protects the internal circuitry from high-voltage spikes on the input lines. * **Cold Junction Compensation:** Specifically for thermocouple inputs to ensure temperature accuracy. #### B. The Wireless RF Transceiver The "R2" designation often refers to the specific radio frequency revision. * **Antenna Interface:** Usually an SMA or internal chip antenna. * **Modulation:** Uses Direct Sequence Spread Spectrum (DSSS) to minimize interference in noisy industrial environments. #### C. Power Management Circuitry Designed for extreme efficiency to allow for battery-operated deployments: * **Low Quiescent Current:** The device enters a "sleep mode" between transmission intervals to conserve energy. * **Voltage Regulation:** High-efficiency buck-boost converters maintain a steady 3.3V or 5V rail despite fluctuations in the DC input. --- ### 3. Connection Pinout/Interface Typical wiring for the W2TS series involves the following terminals: 1. **V+ / V-**: Power supply input (10-30V DC). 2. **Input Terminals**: Where the sensor (e.g., PT100 or 4-20mA loop) is connected. 3. **Config Port**: Micro-USB or Serial port for setting transmission intervals and ID codes. --- ### 4. Application Logic The device follows a structured electronic workflow: 1. **Sense:** The input module samples the sensor data. 2. **Process:** The onboard microcontroller scales the data. 3. **Transmit:** The RF module packets the data and sends it to a wireless gateway (Receiver). 4. **Acknowledge:** The device waits for a handshake from the receiver to confirm data delivery.
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of nodes that can connect to a single receiver in this system?
    • ⤷ Does this model support mesh networking or only point-to-point communication?
    • ⤷ What are the specific battery life expectations for the NBC-R2 variant?