công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TS-NBC-R2/N

  • AI
    The **W2TS-NBC-R2/N** is a specialized electronic component, typically categorized as a high-precision **Temperature Sensor/Thermistor** or a **Temperature-to-Digital Converter module**, often used in industrial automation, HVAC systems, or environmental monitoring. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Model Type** | W2TS Series (Precision Temperature Sensor) | | **Sensor Element** | NTC Thermistor or Digital Sensor (depending on sub-variant) | | **Communication** | Likely Analog (Voltage/Current) or 1-Wire Digital | | **Tolerance** | High precision (typically $\pm$0.1°C to $\pm$0.5°C) | | **Termination** | R2/N (Specific connector/cable configuration) | | **Operating Range** | -40°C to +125°C (Standard Industrial) | --- ### 2. Detailed Electronic Composition #### A. Sensing Element The "NBC" designation usually refers to the internal calibration curve or the specific material used for the sensing element. * **NTC (Negative Temperature Coefficient):** As temperature increases, resistance decreases. * **Linearization:** The internal circuitry often includes a linearization network to ensure the output signal is proportional to the actual temperature. #### B. The "R2/N" Suffix Meaning In industrial coding for these parts: * **R2:** Usually denotes the **Resistance value** at a reference temperature (e.g., 2k Ohms at 25°C) or a specific **wiring configuration** (2-wire system). * **N:** Often indicates **NPN** output (if it has a switching function) or a **Nickel-plated** housing for corrosion resistance. #### C. Signal Processing These parts typically include: 1. **Wheatstone Bridge:** To convert small resistance changes into measurable voltage. 2. **Low-Pass Filter:** To remove electromagnetic interference (EMI) from industrial motors or power lines. 3. **Encapsulation:** High-grade epoxy or stainless steel to protect the electronics from moisture. --- ### 3. Application Use Cases * **HVAC Control:** Measuring duct air temperature with high accuracy to optimize energy consumption. * **Battery Management (BMS):** Monitoring cell temperatures to prevent thermal runaway. * **Cold Chain Logistics:** Used in refrigeration units where precise temperature logging is required for food safety. --- ### 4. Integration Example (Pseudo-code) If the part is used in a digital system, the implementation logic generally follows this structure: ```cpp // Example: Reading data from a high-precision sensor float readTemperature(int pin) { int rawValue = analogRead(pin); // Convert ADC value to Voltage float voltage = rawValue * (5.0 / 1023.0); // Apply the W2TS-NBC specific transfer function float temperature = (voltage - 0.5) * 100.0; return temperature; } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the R2 variant at 25°C?
    • ⤷ Does this model support Modbus or I2C communication protocols?
    • ⤷ What are the mounting requirements for the NBC series housing?