AI

The **W2TS-N1B-R2/N** is a specific model within the **W2TS Series** of digital temperature transmitters manufactured by **M-System** (now part of MG CO., LTD.). These are ultra-slim, signal conditioners designed to convert temperature sensor signals into standard process signals.
---
## 1. Core Specifications
The model code breaks down into specific electronic characteristics:
| Code Component | Meaning | Description |
| :--- | :--- | :--- |
| **W2TS** | Series Name | Dual-output Ultra-slim Temperature Transmitter |
| **N** | Input Type | **T/C (Thermocouple)** - Field-configurable |
| **1** | Output 1 | 4 – 20 mA DC |
| **B** | Output 2 | 2 – 10 V DC |
| **R2** | Power Input | 24 V DC |
| **N** | Standards | None (Standard Non-CE version) |
---
## 2. Key Electronic Components & Functions
### A. Input Stage (Thermocouple Interface)
The "N" designation indicates a thermocouple input. The electronic circuit includes:
* **Cold Junction Compensation (CJC):** An internal thermistor or sensor that measures the terminal temperature to compensate for the voltage generated at the connection point.
* **A/D Converter:** High-resolution analog-to-digital conversion to handle the millivolt (mV) signals typical of thermocouples.
* **Burnout Protection:** A circuit that forces the output to a specific level (usually high or low) if the sensor wire breaks.
### B. Dual Output Isolation
This model features **Dual Outputs**, meaning it can drive two different instruments (e.g., a PLC and a local display) from one sensor input.
* **Isolation:** The input, Output 1, Output 2, and Power are all galvanically isolated from each other (typically up to 2000V AC). This prevents ground loops and protects sensitive downstream electronics.
### C. Power Supply Section
* **Rating:** 24V DC (Operating range ±10%).
* **Current Consumption:** Low power consumption (typically < 80mA) designed for high-density DIN rail mounting.
---
## 3. Technical Parameters
| Feature | Specification |
| :--- | :--- |
| **Configuration** | PC-programmable via PuTTY or dedicated software |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Accuracy** | $\pm$0.1% of span |
| **Isolation Resistance** | 100 M$\Omega$ or more with 500V DC |
| **Mounting** | DIN Rail (Ultra-slim 12mm width) |
---
## 4. Programming and Wiring
To utilize this electronic part, the internal microprocessor must be configured for the specific thermocouple type (K, J, E, T, R, S, B, or N).
```bash
# General Wiring Reference
Terminal 1-2: Output 1 (4-20mA)
Terminal 3-4: Output 2 (2-10V)
Terminal 5-6: Power Input (24V DC)
Terminal 7-8: Thermocouple Input
```
---
- ⤷
How do I configure the thermocouple type for this specific model?
- ⤷ What is the maximum load resistance for the 4-20mA output?
- ⤷ Does this model support HART communication?