W2TS-N1B-R2
AI

The **W2TS-N1B-R2** is a specific part number typically associated with high-performance **industrial cooling fans** or blowers, often used in telecommunications, server racks, and industrial control cabinets.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
The W2TS series is designed for high airflow and reliability in demanding environments.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC Axial Fan / Cooling Blower |
| **Input Voltage** | 200V - 230V AC |
| **Frequency** | 50 / 60 Hz |
| **Phase** | Single Phase |
| **Bearing Type** | Dual Ball Bearing (for long life) |
| **Frame Material** | Aluminum Die-cast |
| **Impeller Material** | Reinforced Plastic (PBT) or Steel |
---
### 2. Electronic Characteristics
The "N1B-R2" suffix usually denotes specific electrical configurations regarding speed and safety features.
#### Motor Protection
* **Impedance Protected:** The motor is designed to limit heat buildup even if the rotor is stalled, preventing fires or circuit damage.
* **Insulation Class:** Typically Class B or F, rated for temperatures up to 130°C–155°C.
#### Connection Interface
* **Lead Wires:** Usually features 2 or 3 wires (Power, Neutral, and sometimes a Ground or Alarm wire).
* **Capacitor:** Some models in this series require an external run capacitor to initiate the phase shift for the AC motor.
---
### 3. Performance Metrics
These fans are engineered for high static pressure to push air through dense electronics.
* **Airflow:** High CFM (Cubic Feet per Minute) rating, suitable for heat exchangers.
* **Noise Level:** Optimized blade geometry to reduce acoustic noise while maintaining high RPM.
* **Environmental Rating:** Often carries an **IP54 or IP55** rating, meaning it is protected against dust and water splashes.
---
### 4. Part Number Breakdown (Typical)
While manufacturers vary slightly, the code generally follows this logic:
1. **W2T:** Series designation (AC External Rotor Motor).
2. **S:** Size or speed characteristic.
3. **N1B:** Specific electrical winding/voltage code (230V range).
4. **R2:** Revision code or specific mounting bracket configuration.
---
### 5. Application Areas
* **HVAC Systems:** Used in small-scale ventilation.
* **Server Cooling:** High-density rack cooling.
* **Power Supplies:** Cooling large industrial UPS units.
* **CNC Machines:** Cabinet cooling for motor drivers.
- ⤷
What is the specific CFM rating for the W2TS-N1B-R2?
- ⤷ Does this model require an external capacitor for operation?
- ⤷ What are the physical dimensions of the mounting frame?