W2TS-N1B-R
AI

The **W2TS-N1B-R** is a specific part number typically associated with **Autonics** or similar industrial automation manufacturers. It belongs to the series of **non-contact door switches** or safety sensors used in industrial safety systems.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic and physical attributes for this specific model:
| Attribute | Specification |
| :--- | :--- |
| **Type** | Non-contact Magnetic Safety Switch |
| **Output Type** | NPN Open Collector (Normally Closed/NC) |
| **Operating Voltage** | 24V DC (typical range 19.2 - 28.8V DC) |
| **Sensing Distance** | ON: ~5mm to 8mm / OFF: ~15mm to 17mm |
| **Connection Type** | Cable type (usually 2m or 5m) |
| **Protection Rating** | IP67 (Dust-tight and water-resistant) |
| **Indicator** | Red LED (for operation status) |
---
### 2. Internal Electronic Components
The "N1B" designation provides specific details about the internal logic and wiring configuration:
* **Non-Contact Sensing:** Unlike mechanical limit switches, this uses a magnetic or inductive sensing element (Hall Effect sensor) to detect the presence of the actuator. This eliminates mechanical wear and tear.
* **NPN Output:** The electronic circuit acts as a "sink." When the switch is triggered, it connects the output wire to the negative (0V) terminal.
* **Safety Redundancy:** These parts often contain dual internal circuits to ensure that if one component fails, the safety system can still detect a fault (when used with a compatible safety controller).
---
### 3. Wiring Configuration
While you should always consult the specific datasheet for your batch, the standard wiring for an NPN non-contact switch is as follows:
```mermaid
graph LR
A[Brown: +24V DC] --- B[Power Input]
C[Blue: 0V GND] --- D[Common]
E[Black: Output 1] --- F[Safety Controller/PLC]
G[White: Output 2] --- H[Redundancy Check]
```
---
### 4. Applications
* **Safety Interlocking:** Used on machine guards and doors. If the door (actuator) is moved away from the sensor, the circuit breaks, and the machine stops.
* **Wash-down Environments:** Because the electronics are fully encapsulated (IP67), they are ideal for food and beverage packaging where high-pressure cleaning occurs.
* **High-Frequency Switching:** Since there are no physical contacts to arc or weld, they last much longer in high-cycle operations than mechanical switches.
---
- ⤷What is the difference between the NPN and PNP versions of this safety switch?
- ⤷ How do I wire this sensor to a safety relay for a Category 4 safety circuit?
- ⤷ What is the maximum current load the W2TS-N1B-R output can handle?