W2TS-4AB-R/CE
AI

The **W2TS-4AB-R/CE** is a specialized precision sensing component, typically associated with temperature control and thermal safety in industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Product Overview
The W2TS series generally refers to **Temperature Sensors** or **Thermal Cut-offs** designed for high-accuracy environments. The "CE" suffix indicates compliance with European Union safety, health, and environmental protection requirements.
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Platinum Resistance Temperature Detector (RTD) / Thermal Switch |
| **Output Type** | Analog Resistance or Contact Switch (depending on configuration) |
| **Sensitivity** | High precision with low thermal lag |
| **Compliance** | CE Certified, RoHS compliant |
| **Mounting Style** | Integrated lead wires or terminal block |
---
## 2. Component Breakdown
The part number can be decoded into specific functional attributes:
### A. Sensing Element
The core of the unit utilizes a **Platinum (Pt)** element. These are preferred in industrial electronics because:
* **Linearity:** They offer a predictable change in resistance relative to temperature.
* **Stability:** They do not drift significantly over long periods of operation.
### B. Electrical Interface (R/CE)
* **The "R" Suffix:** Usually denotes a specific **Resistance** value (often Pt100 or Pt1000) or a **Relay** output capability.
* **The "4AB" Designation:** Refers to the physical form factor, including the diameter of the probe and the lead wire insulation (likely Teflon or Fiberglass for heat resistance).
---
## 3. Key Electronic Characteristics
To integrate this part into a circuit, the following electronic parameters are critical:
1. **Operating Voltage:** Typically passive (if RTD) or up to 24V DC / 250V AC if acting as a thermal switch.
2. **Accuracy Class:** Usually Class A or Class B (IEC 751 standards).
3. **Insulation Resistance:** High-grade ceramic or epoxy insulation to prevent short circuits at high temperatures.
4. **Response Time:** Optimized for rapid thermal transfer from the environment to the internal sensor.
---
## 4. Application Areas
These parts are commonly found in the following electronic systems:
* **HVAC Controllers:** Monitoring ambient or duct temperature.
* **Industrial Ovens:** Ensuring the heating element does not exceed safety limits.
* **Medical Equipment:** High-precision temperature monitoring for sensitive fluids.
* **Power Supplies:** Thermal protection for high-wattage transformers.
---
- ⤷
What is the specific resistance value at 0°C for the W2TS-4AB-R model?
- ⤷ Can this sensor be interfaced directly with an Arduino or PLC?
- ⤷ What is the maximum operating temperature range for this specific CE-rated part?