W2TS-4A3-R2/
AI

The **W2TS-4A3-R2** is a specific part number typically associated with high-performance **Brushless DC (BLDC) Cooling Fans**, often manufactured by companies like Sanyo Denki or integrated into specific industrial/server power supply units.
Below is a breakdown of its electronic components and technical characteristics.
---
### 1. Technical Specifications
The "W2TS" series generally refers to high-static pressure fans designed for heavy-duty cooling.
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Input Voltage** | 12V DC | Standard operating voltage. |
| **Current Rating** | ~1.5A to 3.0A | High-power consumption for high RPM. |
| **Bearing Type** | Dual Ball Bearing | Ensures longevity and high-temperature stability. |
| **Connector** | 4-Pin / 3-Pin | Depends on the specific revision (R2). |
| **Material** | Plastic (PBT) | UL94V-0 rated flame retardant housing. |
---
### 2. Internal Electronic Parts
The internal PCB of this fan contains several critical components that manage its operation:
* **Stator Windings:** Three-phase copper coils that create the magnetic field to spin the rotor.
* **Hall Effect Sensor:** A small IC that detects the position of the rotor’s permanent magnets to ensure correct timing for the phase switching.
* **PWM Controller IC:** Manages the speed of the fan by pulsing the power (Pulse Width Modulation).
* **Power MOSFETs:** Act as high-speed switches to energize the stator windings.
* **Protection Circuitry:**
* *Locked Rotor Protection:* Automatically cuts power if the fan is obstructed to prevent the motor from burning out.
* *Reverse Polarity Protection:* Prevents damage if the DC wires are connected backwards.
---
### 3. Pinout Configuration (4-Wire Interface)
If the device uses a 4-pin interface (standard for the 4A3 suffix), the pinout is usually as follows:
| Pin | Color | Function | Description |
| :--- | :--- | :--- | :--- |
| 1 | Black | GND | Ground / Negative terminal |
| 2 | Red | VCC | +12V DC Power |
| 3 | Yellow | Tachometer | Output signal (Senses RPM) |
| 4 | Blue | PWM | Control signal (Adjusts speed) |
---
### 4. Application Areas
Due to its robust build, the W2TS-4A3-R2 is primarily used in:
1. **Server Racks:** High-density cooling for CPUs and GPUs.
2. **Industrial Power Supplies:** Cooling high-wattage AC/DC converters.
3. **Telecommunications:** Cooling base stations and outdoor enclosures.
---
- ⤷
What is the maximum RPM and CFM airflow for this specific model?
- ⤷ How do I troubleshoot a W2TS fan that isn't spinning?
- ⤷ What are the compatible mounting dimensions for the W2TS series?