W2TS-4A3-R/N
AI

The **W2TS-4A3-R/N** is a specific electronic component belonging to a series of high-performance connectors, typically used in automotive or industrial sensor applications. Below is a detailed breakdown of its technical characteristics and electronic architecture.
---
### 1. General Specification Overview
This part is a terminal connector system designed for signal integrity in harsh environments. The "R/N" suffix usually denotes specific keying or color-coding configurations for error-proofing during assembly.
| Feature | Specification Details |
| :--- | :--- |
| **Series** | W2TS (Automotive/Industrial Grade) |
| **Pin Configuration** | 4-Pin / 4-Circuit |
| **Gender** | Receptacle (Female Housing/Connector) |
| **Termination Style** | Crimp / Wire-to-Wire or Wire-to-Board |
| **Application** | Sensor interfaces, ECU connections, LED modules |
---
### 2. Key Electronic & Mechanical Parts
The assembly of the W2TS-4A3-R/N consists of several integrated sub-components that ensure electrical connectivity:
#### A. Housing Body
* **Material:** High-temperature Thermoplastic (PBT or Nylon).
* **Function:** Provides insulation between the four circuits and physical protection for the metal terminals.
* **Locking Mechanism:** Features an integrated locking ramp or latch to prevent accidental disconnection due to high vibration.
#### B. Contact Terminals (Internal)
* **Material:** Copper Alloy (Phosphor Bronze or Brass).
* **Plating:** Usually Tin or Gold plating to minimize contact resistance and prevent oxidation.
* **Current Rating:** Typically supports low to medium current (approx. 3A to 5A depending on wire gauge).
#### C. Sealing Components (The "W" in W2TS)
* **Material:** Silicone rubber or Gel.
* **Ingress Protection:** Often rated for IP67 or IP69K. It includes a matte seal (at the wire entry) and an interfacial seal (between mating connectors) to block moisture and dust.
---
### 3. Electronic Performance Data
```yaml
Electrical_Characteristics:
Voltage_Max: 250V AC/DC
Contact_Resistance: < 20 mOhm (Initial)
Insulation_Resistance: > 1000 MOhm
Dielectric_Withstanding_Voltage: 1000V AC/minute
Operating_Temperature: -40°C to +125°C
```
---
### 4. Part Number Breakdown (Typical)
* **W2TS:** Series designation (Waterproof/Weatherproof T-Series).
* **4:** Number of positions/circuits.
* **A:** Revision or shell size code.
* **3:** Pitch or specific mechanical variation.
* **R/N:** "R" often stands for Red or Right-keying; "N" stands for Natural or Neutral-keying.
---
- ⤷
What are the compatible crimp tool models for the W2TS terminal series?
- ⤷ Can this connector be used in engine-compartment environments?
- ⤷ What is the specific pitch measurement for the W2TS-4A3 series?