W2TS-3BY-R2/Q
AI

The **W2TS-3BY-R2/Q** is a high-precision, industrial-grade signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to convert two independent DC input signals into two isolated DC output signals.
---
### ## 1. Key Component Overview
The device functions as a **Dual Output Signal Conditioner**. Its primary role is to provide signal isolation, conversion, and amplification to prevent ground loops and protect sensitive control equipment (like PLCs or DCS).
| Feature | Specification |
| :--- | :--- |
| **Model Series** | W2TS (Ultra-slim Dual Output Transducer) |
| **Input Type** | DC Voltage or Current (Dual Channel) |
| **Output Type** | DC Voltage or Current (Dual Channel) |
| **Isolation** | 4-way isolation (Input 1 to Input 2 to Output to Power) |
| **Construction** | Compact, plug-in style |
| **Accuracy** | ±0.1% |
---
### ## 2. Technical Specifications Breakdown
Based on the specific model suffix **R2/Q**:
### ### Input and Output Configuration
* **Dual Channel:** The "W2" prefix indicates a dual-channel unit. It can handle two separate loops in a single slim housing, saving DIN rail space.
* **Isolation:** It features 2000V AC isolation. This is critical in electronic systems to ensure that a surge or electrical noise on the field side (sensor) does not destroy the logic side (controller).
### ### Power Supply (R2)
* **R:** Indicates the power input requirement. Typically, **R** stands for **24V DC**.
* **2:** Refers to specific design iterations or variations in the output range/load resistance capabilities provided by M-System.
### ### Special Quality Suffix (/Q)
* The **/Q** suffix indicates a **Special Order** or **Quality Control** specification. This often includes:
* Specific calibration certificates.
* Tropicalization (coating for high humidity).
* Specific labeling or tag numbers requested by the end-user.
---
### ## 3. Typical Application Circuit
In an industrial electronic setup, the W2TS acts as a bridge:
```mermaid
graph LR
A[Sensor 1: 4-20mA] --> B(W2TS Input 1)
C[Sensor 2: 4-20mA] --> D(W2TS Input 2)
B --> E[Isolated Output 1: 1-5V DC]
D --> F[Isolated Output 2: 1-5V DC]
G[24V DC Power] --> B
G --> D
```
---
### ## 4. Summary of Benefits
1. **Space Efficiency:** Two isolated signals in one module.
2. **Signal Integrity:** Eliminates noise and ground loop interference.
3. **Versatility:** Can convert a current signal (like 4-20mA) into a voltage signal (like 0-10V) simultaneously.
- ⤷
What are the specific input/output range options for the W2TS series?
- ⤷ How does 4-way isolation differ from standard 3-way isolation in this model?
- ⤷ What are the environmental operating limits for the /Q version?