công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TS-3BY-R2/N

  • AI
    The **W2TS-3BY-R2/N** belongs to a specific category of industrial control components, typically associated with **Signal Conditioners** or **Transducers** (often manufactured by companies like M-System or similar industrial automation brands). Below is a breakdown of its technical characteristics and electronic parts. --- ## 1. Device Specification Overview This device is a signal conditioner designed to convert and isolate electrical signals to ensure compatibility between sensors and control systems (like PLCs). | Feature | Specification Details | | :--- | :--- | | **Model Series** | W2TS (Two-wire Transmitter/Signal Conditioner) | | **Input Type** | Typically configured for DC signals or Temperature (RTD/Thermocouple) | | **Output Type** | 4–20 mA DC (standard industrial current loop) | | **Power Supply** | 24V DC (Standard for R2/N series) | | **Mounting** | DIN Rail or Surface Mount | --- ## 2. Breakdown of the Model Suffix The alphanumeric suffix defines the internal hardware configuration: ### **[3BY] - Input/Output Configuration** * **3**: Often denotes the specific input range (e.g., 0–10V or specific RTD types). * **B**: Usually refers to the output signal characteristics (e.g., 4–20mA). * **Y**: Indicates a custom factory calibration or a specific linear/non-linear conversion logic. ### **[R2] - Power Input** * **R**: Generally signifies a DC power requirement. * **2**: Specifically indicates **24V DC** power supply compatibility. ### **[/N] - Optional Features** * **/N**: In industrial nomenclature, this often stands for "No Special Options" or specifies a specific terminal block type (e.g., screwless or standard M3 screws). --- ## 3. Core Electronic Components Internally, the W2TS-3BY-R2/N is composed of several functional blocks: 1. **Input Isolation Circuit:** Uses **Opto-couplers** or **Magnetic Transformers** to provide galvanic isolation (usually up to 2000V AC). This protects the PLC from high-voltage spikes on the field side. 2. **Analog-to-Digital Converter (ADC):** If the unit is microprocessor-based, it converts the incoming analog voltage/resistance into a digital value for processing. 3. **Zero/Span Adjusters:** Two potentiometers (trimmers) located on the front panel used to calibrate the minimum (4mA) and maximum (20mA) output levels. 4. **Output Driver:** A high-precision operational amplifier (Op-Amp) and transistor network designed to maintain a constant current loop regardless of load resistance changes (up to 750Ω). --- ## 4. Wiring Diagram (Generic) | Terminal | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Input | Connect to sensor (Input signal) | | **3 & 4** | Output | Connect to PLC/Controller (4-20mA) | | **5 & 6** | Power | 24V DC Supply (+ / -) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the W2TS series?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ Is the W2TS-3BY-R2/N compatible with 110V AC power systems?