AI

The **W2TS-3AA-R2/CE** is a high-precision, digital temperature transmitter (signal conditioner) manufactured by **M-System**. It is designed to convert signals from Thermocouples (TC) into a standardized DC output, typically for PLC or DCS integration.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Thermocouple (K, E, J, T, B, R, S, C, N, U, L) |
| **Output Type** | DC Voltage or Current (Configurable) |
| **Power Input** | 24V DC (±10%) |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way (Input to Output to Power) |
| **Accuracy** | ±0.1% of span (depends on TC type) |
| **Mounting** | DIN Rail Mounting (Ultra-slim 7mm width) |
---
### 2. Core Electronic Components & Features
The W2TS series utilizes a "Two-wire" or "Three-way isolation" architecture depending on the specific sub-model, focusing on space-saving and signal integrity.
#### A. Microprocessor-Based Conditioning
Unlike old analog transmitters, this unit uses a microprocessor to linearize the non-linear voltage curve of thermocouples. It performs:
* **Cold Junction Compensation (CJC):** An internal thermistor measures the temperature at the terminal block to compensate for the thermoelectric effect at the connection point.
* **Linearization:** Digital mapping of the mV input to a linear temperature scale.
#### B. 3-Way Isolation
The device provides electrical isolation between the **Input**, **Output**, and **Power supply**. This is critical in industrial environments to:
* Prevent ground loops.
* Protect sensitive PLC/DCS cards from high-voltage surges on the sensor side.
* Reduce electromagnetic interference (EMI).
#### C. Burnout Protection
The electronic circuit includes a "Burnout" detection feature. If the thermocouple wire breaks, the transmitter can be configured to:
* **Upscale:** Output goes to the maximum (e.g., 20mA or 10V).
* **Downscale:** Output goes to the minimum (e.g., 4mA or 0V).
---
### 3. Connection Diagram Overview
```text
[ Thermocouple ] ----> [ W2TS Transmitter ] ----> [ PLC / Controller ]
(Input) (Signal Conversion) (Output)
(Power: 24V DC)
```
---
### 4. Certification (CE Mark)
The **/CE** suffix indicates that the part complies with European safety and electromagnetic compatibility standards:
* **EN 61326-1:** Electrical equipment for measurement, control, and laboratory use (EMC requirements).
* **Low Voltage Directive:** Ensures the internal power components are safe for industrial use.
- ⤷
What is the difference between the R2 and R models in the W2TS series?
- ⤷ How do I configure the burnout direction for this specific transmitter?
- ⤷ Can this module be used with RTD sensors instead of Thermocouples?