công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TS-3A1-R2/N

  • AI
    The **W2TS-3A1-R2/N** is a specialized precision sensing component, typically identified as a **Wire-to-Surface (or Board) Temperature Sensor/NTC Thermistor assembly**. It is frequently utilized in automotive, industrial, and consumer electronics for localized thermal monitoring. --- ## 1. Technical Specifications The part number generally follows a specific configuration for its electrical and mechanical properties: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | NTC Thermistor (Negative Temperature Coefficient) | | **Resistance at 25°C** | 10kΩ (Standard for the 3A1 series) | | **B-Value (25/85)** | ~3435K to 3977K (Depending on tolerance) | | **Tolerance** | ±1% to ±3% (indicated by the 'R2' suffix) | | **Connector Type** | Integrated terminal/connector (N-series specification) | | **Mounting** | Surface contact / Screw-on / Clip-on | --- ## 2. Key Electronic Features ### A. Precision NTC Element The core of the W2TS series is a ceramic-based semiconductor. As the temperature increases, the resistance decreases. This relationship is non-linear but highly predictable using the **Steinhart-Hart equation**. ### B. Lead Wire & Insulation The "W2" prefix typically denotes a lead-wire assembly. * **Wiring:** Multistrand copper wires (often 24-28 AWG). * **Insulation:** Usually Teflon (PTFE) or XLPE to withstand high-temperature environments (up to 125°C or 150°C). ### C. Mechanical Protection The sensor is encased in a protective housing (metal or high-temp plastic) to ensure efficient thermal transfer from the surface it is monitoring while protecting the delicate thermistor chip from moisture and mechanical stress. --- ## 3. Typical Circuit Application To read data from the W2TS-3A1-R2/N, it is usually placed in a **Voltage Divider** configuration: ```python # Typical Microcontroller ADC Setup # Vcc --- [Fixed Resistor 10k] ---+--- [W2TS Sensor] --- GND # | # ADC Input ``` 1. **Fixed Resistor:** Usually matches the $R_{25}$ value of the thermistor (10kΩ). 2. **ADC Reading:** The voltage at the ADC pin changes as the resistance of the W2TS shifts with temperature. 3. **Conversion:** The firmware converts the raw ADC value to Ohms, then to Celsius/Kelvin. --- ## 4. Common Applications * **Battery Packs (BMS):** Monitoring cell surface temperatures in EV or portable power systems. * **Power Supplies:** Thermal protection for MOSFETs or transformers. * **Automotive:** Coolant or ambient air temperature sensing. ---
    ✨ Follow-up Questions
    • ⤷What is the specific resistance-temperature curve for the 3A1 series?
    • ⤷ How does the 'R2/N' suffix specifically affect the electrical tolerance?
    • ⤷ Can this sensor be used in high-moisture environments?