W2TS-32A-R2/N
AI

The **W2TS-32A-R2/N** is a high-performance **Automatic Transfer Switch (ATS)** module typically used in industrial and data center power distribution units (PDUs). It is designed to ensure power redundancy by automatically switching between two power sources (Primary and Backup).
---
## 1. Technical Specifications
The part number indicates specific electronic and electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Rated Current** | 32 Amps |
| **Voltage Range** | 200V - 240V AC (Standard Single Phase) |
| **Switching Time** | Typically < 10-15ms (Fast enough for most IT loads) |
| **Poles** | 2-Pole (Line and Neutral) |
| **Mounting** | Rack-mount or DIN-Rail compatible variants |
---
## 2. Key Electronic Components
The internal architecture of the W2TS-32A-R2/N consists of several critical electronic sub-systems:
### A. Sensing Circuitry (Microprocessor Controlled)
* **Voltage Monitoring:** High-precision resistors and ADCs (Analog-to-Digital Converters) monitor the input voltage of both Source A and Source B.
* **Phase Detection:** Ensures the switch occurs safely regarding the synchronization of the AC waveform.
### B. Switching Mechanism (Relay/Thyristor Hybrid)
* **Electromechanical Relays:** Provide the physical isolation and high current carrying capacity.
* **Snubber Circuits:** RC (Resistor-Capacitor) networks protect the contacts from arcing during the transition of 32A loads.
### C. Logic and Control
* **MCU (Microcontroller):** Processes the logic for "Source Preference." If Source A fails or drops below a voltage threshold (Undervoltage), the MCU triggers the gate to switch to Source B.
* **LED Indicators:** Integrated circuitry for visual status reporting (Source A Active, Source B Active, Fault).
---
## 3. Connectivity and Interface
The "R2/N" suffix often refers to the communication and wiring configuration:
* **Dry Contacts:** Often includes a terminal block for remote monitoring (sending a signal to a Building Management System if a power failure occurs).
* **Input/Output Terminals:** Heavy-duty screw terminals designed to handle 8AWG to 10AWG wiring necessary for a 32A continuous load.
---
## 4. Safety and Protection Features
1. **Break-Before-Make (BBM) Logic:** The electronic control ensures Source A is disconnected before Source B is connected, preventing a short circuit between the two power grids.
2. **Surge Protection:** Internal MOVs (Metal Oxide Varistors) protect the sensitive internal logic from voltage spikes.
3. **Isolation:** High dielectric strength between control electronics and the high-power path.
- ⤷
What is the typical MTBF (Mean Time Between Failure) for this ATS model?
- ⤷ Can the W2TS-32A be integrated into an SNMP-managed network for remote monitoring?
- ⤷ What is the specific difference between the R2 and R1 versions of this component?