W2TS-321-R/CE
AI

The **W2TS-321-R/CE** is a high-precision digital temperature sensor manufactured by **OMRON**. It is part of the W2TS series, designed primarily for surface temperature measurement with a high degree of accuracy and thermal responsiveness.
---
## 1. Core Technical Specifications
The "R/CE" suffix indicates specific compliance and connectivity options (typically a standard lead-wire model with CE certification).
| Feature | Specification |
| :--- | :--- |
| **Measurement Range** | -40°C to +125°C |
| **Accuracy** | ±0.1°C (at typical ambient ranges) |
| **Interface** | Digital (I2C or specific OMRON proprietary protocol) |
| **Supply Voltage** | 3.0V to 5.5V DC |
| **Current Consumption** | ~1 mA (Active), <10 µA (Standby) |
| **Form Factor** | Compact, surface-mount contact head |
| **Compliance** | CE, RoHS |
---
## 2. Electronic Components & Construction
The internal electronics of the W2TS-321-R/CE are designed to minimize "thermal mass," allowing it to react quickly to changes in the object it is touching.
### A. The Sensing Element
Unlike traditional thermistors (NTC/PTC), this part uses a **Semiconductor Bandgap Temperature Sensor**.
* **Advantage:** It provides a linear voltage output proportional to absolute temperature, which is then digitized internally.
### B. Integrated Circuit (IC)
The unit contains an onboard **ASIC (Application-Specific Integrated Circuit)** that handles:
1. **ADC Conversion:** Converts the analog voltage from the sensing element into a 12-bit or 16-bit digital signal.
2. **Calibration:** Each unit is factory-calibrated. The calibration constants are stored in non-volatile memory inside the chip.
3. **Communication:** Logic for I2C bus handling (SDA/SCL lines) to communicate with a host MCU (Microcontroller).
### C. Thermal Contact Pad
The "Electronic" part of the sensor is thermally coupled to a metallic or high-conductivity ceramic base. This ensures that the heat from the target surface reaches the internal IC with minimal lag.
---
## 3. Wiring and Integration
The **-R** version usually refers to the lead-wire exit configuration. Below is the typical pinout/wiring logic:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC | Power Supply (3.3V or 5V) |
| **Black** | GND | Ground |
| **White/Yellow** | SDA | Serial Data Line (Digital) |
| **Green/Blue** | SCL | Serial Clock Line (Digital) |
---
## 4. Key Applications
* **Battery Management Systems (BMS):** Monitoring the surface temperature of Li-ion cells.
* **Heat Sinks:** Monitoring power electronics (IGBTs/MOSFETs) to trigger cooling.
* **Medical Equipment:** High-precision surface monitoring for incubators or diagnostics.
- ⤷
What is the maximum I2C bus speed supported by the W2TS-321 series?
- ⤷ How does the W2TS-321-R/CE handle noise filtering in industrial environments?
- ⤷ Are there specific mounting instructions to ensure the best thermal conductivity?