W2TS-31A-R2
AI

The **W2TS-31A-R2** is a specific model of an **Industrial Ethernet Switch** (often categorized under networking hardware components). While it is a complete device, its electronic profile is defined by its interface capabilities and environmental durability.
---
### 1. General Specifications
The "W2TS" series generally refers to managed or unmanaged industrial switches designed for harsh environments. Below is a breakdown of its core electronic and functional characteristics:
| Feature | Description |
| :--- | :--- |
| **Port Configuration** | Typically features 10/100Base-TX ports (RJ45). |
| **Connector Type** | Standard RJ45 with Gold-plated pins for high conductivity. |
| **Mounting** | DIN-Rail or Wall mountable for industrial cabinets. |
| **Enclosure** | IP30 or IP40 rated metal housing for heat dissipation. |
### 2. Electronic Components & Power
The internal circuitry is designed for high availability and protection against electrical noise (EMI/RFI).
* **Power Input:** Dual redundant power inputs. This means if one power supply fails, the internal electronic relay switches to the backup seamlessly.
* **Protection Circuitry:**
* **ESD Protection:** Built-in protection against Electrostatic Discharge (usually up to 6KV).
* **Surge Protection:** Protection against voltage spikes on the data lines (usually up to 2KV).
* **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected incorrectly.
* **Operating Voltage:** Typically operates on a wide range of DC power (e.g., 12V to 48V DC).
### 3. Thermal Design
Unlike consumer electronics, the W2TS-31A-R2 uses **Passive Cooling**:
* **Fanless Design:** Reduces the risk of mechanical failure and dust intake.
* **Heatsink Integration:** The electronic chips are thermally bonded to the metal casing, which acts as a large heatsink.
* **Temperature Range:** Rated for extreme environments, typically $-40^{\circ}C$ to $+75^{\circ}C$.
### 4. Data Processing (Internal ICs)
* **Switching Fabric:** The internal ASIC (Application-Specific Integrated Circuit) handles "Store-and-Forward" switching to ensure data integrity by checking for CRC errors before forwarding packets.
* **Auto-MDI/MDI-X:** Electronic sensing that automatically adjusts for straight-through or crossover cables.
---
### Summary of Connectivity
```yaml
Model: W2TS-31A-R2
Type: Industrial Ethernet Switch
Electronic Interface:
- Ethernet: 10/100 Mbps
- Power: Terminal Block (3-pin or 5-pin)
- Indicators: LED (Power, Link/Act, Speed)
```
- ⤷What is the specific power consumption in Watts for this model?
- ⤷ Does the R2 suffix indicate a specific hardware revision or PoE capability?
- ⤷ Is this switch managed or unmanaged?