W2TS-22A-R2/Q
AI

Based on the technical specifications provided for the **W2TS-22A-R2/Q**, this component belongs to the category of high-performance **Industrial Indicators** or **Pilot Lights**, typically utilized in automation control panels and electrical switchgear.
---
### ## Technical Specifications Overview
The W2TS series is designed for durability and high visibility in industrial environments. Below are the primary electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | LED Pilot Light / Indicator |
| **Mounting Diameter** | 22mm (Standard industrial size) |
| **Input Voltage** | Typically 110V - 220V AC (Model dependent) |
| **Illumination Color** | Red (Indicated by the "R" suffix) |
| **Lens Shape** | Square / Flat (Indicated by "Q" suffix) |
| **Contact Material** | Silver Alloy (for reliability) |
| **Protection Rating** | IP65 / NEMA 4X (Water/Dust resistant) |
---
### ### Key Electronic Components & Design
The internal architecture of the W2TS-22A-R2/Q consists of several critical sub-assemblies:
1. **High-Intensity LED Chip:**
Unlike traditional incandescent bulbs, this unit uses an integrated LED. This results in lower power consumption, minimal heat generation, and an operational lifespan often exceeding 50,000 hours.
2. **Internal Voltage Regulator:**
The "22A" variant usually includes internal circuitry to handle AC voltage fluctuations, ensuring the LED maintains constant brightness without flickering.
3. **Connection Terminals:**
It features finger-safe screw terminals. These are designed to prevent accidental contact with live wires, adhering to international safety standards (IEC/EN 60947).
4. **Housing Material:**
Constructed from flame-retardant polycarbonate or reinforced nylon, providing high dielectric strength and resistance to chemical corrosion.
---
### ### Wiring Diagram Logic
To integrate this part into a control circuit, follow standard series wiring for indication:
```mermaid
graph LR
A[Power Source L] --> B[Control Switch / PLC Output]
B --> C[W2TS Indicator Terminal X1]
C --> D[W2TS Indicator Terminal X2]
D --> E[Power Source N]
```
### ### Application Use Cases
* **Status Indication:** Used to show "System Fault" or "Stop" conditions due to the red color.
* **PLC Monitoring:** Directly driven by PLC outputs to signify machine state.
* **Safety Panels:** Installed in Emergency Stop stations to identify triggered zones.
---
- ⤷What is the exact current draw for the W2TS-22A-R2/Q at 220V?
- ⤷ Does this model support DC voltage input
- ⤷ or is it AC only?
- ⤷ Are there alternative lens colors available for the W2TS series?