công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TS-1BY-R/CE

  • AI
    The **W2TS-1BY-R/CE** is a specialized electronic component, specifically a **Thumbwheel Switch** (or Digital Switch) manufactured by **Omron**. These switches are used to convert physical manual input (turning a dial) into a digital electrical signal (BCD code). Below is a detailed breakdown of its electronic specifications and features. --- ## 1. General Specifications The part number follows Omron's technical nomenclature for the W2TS series. | Feature | Specification | | :--- | :--- | | **Component Type** | Thumbwheel / Digital Switch | | **Output Code** | BCD (Binary Coded Decimal) | | **Color** | Black Case / Yellow-Red Characters | | **Mounting Type** | Snap-in (Front Mounting) | | **Number of Positions** | 10 (0 to 9) | | **Electrical Rating** | 28 VDC, 0.1 A | --- ## 2. Electronic Operating Principles ### BCD Output Logic The "1BY" designation typically refers to the **BCD (Binary Coded Decimal)** output. When the user rotates the thumbwheel to a specific number, internal copper wipers bridge specific pins on the PCB. * **Logic:** For a given number (e.g., "3"), the switch connects the Common (C) pin to pins 1 and 2 ($2^0 + 2^1 = 3$). * **Voltage:** It is designed for low-voltage signal circuits, not for switching high-power loads directly. ### Contact Resistance and Insulation * **Contact Resistance:** Typically less than $200 \, m\Omega$ to ensure signal integrity. * **Insulation Resistance:** $100 \, M\Omega$ minimum at 500 VDC. * **Dielectric Strength:** Can withstand 600 VAC for 1 minute between terminals of the same polarity. --- ## 3. Physical & Mechanical Parts ### External Housing * **Material:** PBT (Polybutylene terephthalate) or ABS plastic for durability and heat resistance. * **Bezel:** Designed for modularity; multiple units can be snapped together side-by-side to create multi-digit inputs (e.g., a 3-digit counter). ### Internal Contacts * **Plating:** Usually **Gold-plated** or Silver-plated contacts to prevent oxidation and ensure reliable switching over thousands of cycles. * **Wiper:** A rotating brush-like contact that moves across the stationary PCB tracks. --- ## 4. Application Context These switches are primarily found in industrial control panels where a precise, non-volatile numerical setting is required: 1. **Timers/Counters:** Setting a specific duration or count limit. 2. **PLCs:** Providing manual parameter input to a Programmable Logic Controller. 3. **Industrial Machinery:** Calibration settings that must remain unchanged even if power is lost. --- ## 5. Wiring Diagram Example (BCD) The back of the unit features several terminals. In a standard BCD configuration: ```text Terminal | Function ---------|------------------- C | Common (Input) 1 | Bit 0 (2^0) 2 | Bit 1 (2^1) 4 | Bit 2 (2^2) 8 | Bit 3 (2^3) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between BCD and Decimal output versions of this switch?
    • ⤷ Can these switches be illuminated for low-light environments?
    • ⤷ What is the mechanical life expectancy (number of operations) for the W2TS series?