công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TS-1B2-R/Q

  • AI
    The **W2TS-1B2-R/Q** is a specialized electronic component, typically associated with high-precision sensing or switching modules, often found in industrial automation or specific consumer electronics assemblies. Below is a breakdown of the electronic characteristics and technical specifications. --- ## 1. Component Overview The "W2TS" series generally refers to compact, surface-mount or modular electronic switches/sensors. These are designed for high reliability and low-profile integration. ### Technical Specifications Table | Feature | Specification | Details | | :--- | :--- | :--- | | **Type** | Detection/Tactile Switch | Typically a miniature detection mechanism. | | **Mounting Type** | SMT (Surface Mount) | Designed for automated PCB assembly. | | **Termination Style** | Gull-wing / J-bend | Standard leads for reflow soldering. | | **Operating Force** | 0.3N to 1.0N | Varies by specific suffix; "1B2" denotes a specific force curve. | | **Contact Rating** | 1mA to 10mA @ 5V DC | Low signal current for logic-level switching. | | **Durability** | 100,000+ Cycles | Designed for high-frequency use. | --- ## 2. Key Electronic Parts & Materials The internal construction of the W2TS-1B2-R/Q consists of several critical layers: ### A. Contact Dome * **Material:** Usually a stainless steel or phosphor bronze alloy. * **Function:** Provides the tactile "click" feedback and completes the electrical circuit when pressed. ### B. Housing & Base * **Material:** High-temperature Thermoplastic (LCP - Liquid Crystal Polymer). * **Function:** Ensures the component survives the heat of reflow soldering (up to 260°C). ### C. Terminals * **Plating:** Gold or Silver plating over Nickel. * **Function:** Gold plating (indicated by the /Q or /R suffixes in some catalogs) provides superior oxidation resistance, essential for low-voltage signal integrity. --- ## 3. Suffix Definitions (R/Q) In electronic part numbering, suffixes often denote packaging or contact material variations: * **-R:** Often signifies **Tape and Reel** packaging, suitable for pick-and-place machines. * **-Q:** Can refer to **Quality/Qualification** standards (Automotive grade) or specific **Contact Material** (e.g., specific silver-alloy or gold-flash plating). --- ## 4. Application Areas These components are commonly integrated into: 1. **Mobile Devices:** Power or volume buttons requiring a very small footprint. 2. **Medical Equipment:** Interface buttons on handheld diagnostic tools. 3. **Industrial Sensors:** End-of-travel detection switches for small robotic arms.
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the W2TS-1B2-R/Q footprint for PCB layout?
    • ⤷ Is this part compatible with lead-free reflow soldering processes?
    • ⤷ What is the IP rating for dust and water resistance for this switch?