W2TS-1AA-R2
AI

The **W2TS-1AA-R2** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Micro Switch** or a tactile detection switch, often manufactured by companies like **CIT Relay & Switch** or similar industrial suppliers.
---
### ## Technical Specifications
The following table highlights the core electrical and mechanical characteristics of the W2TS series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Detector / Tactile Switch |
| **Actuator Type** | Standard Plunger / Lever (Series Dependent) |
| **Circuit** | SPST (Single Pole Single Throw) |
| **Switch Function** | Off-Mom (Normally Open, Momentary) |
| **Contact Rating** | 1mA to 50mA @ 5VDC - 12VDC |
| **Operating Force** | ~100gf to 160gf |
| **Mounting Type** | Surface Mount (SMD/SMT), Right Angle |
| **Operating Temp** | -40°C to +85°C |
---
### ### Key Electronic Features
1. **Low Profile Design:**
Designed for space-constrained PCB layouts. The "R2" suffix often denotes a **Right Angle** orientation, meaning the actuation happens parallel to the PCB surface.
2. **Gold-Plated Contacts:**
Most parts in this series use gold plating to ensure high reliability and low contact resistance, especially in low-current logic level switching.
3. **Mechanical Durability:**
These parts are rated for high life cycles (often up to 100,000 - 500,000 cycles) due to their precision spring mechanisms.
4. **Environmental Sealing:**
The "W" in the prefix often signifies a level of washability or environmental protection, allowing the part to withstand soldering processes and flux cleaning.
---
### ### Typical Applications
* **Consumer Electronics:** Power buttons on handheld devices.
* **Telecommunications:** Reset switches or interface buttons on networking gear.
* **Industrial:** Limit detection in small mechanical assemblies.
* **Medical:** Interface controls for portable diagnostic tools.
---
- ⤷
What are the specific soldering footprint dimensions for the W2TS-1AA-R2?
- ⤷ Does this component have an IP rating for water resistance?
- ⤷ What is the maximum contact resistance for this switch after 100
- ⤷000 cycles?