công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TS-0B1-R/N

  • AI
    The **W2TS-0B1-R/N** is a specific electronic component, typically identified as a **Miniature Toggle Switch** (often associated with the W2 Series from manufacturers like Nidec Copal or similar precision switch suppliers). Below is a breakdown of its technical characteristics and electronic architecture. --- ## 1. Technical Specifications This part is designed for PCB (Printed Circuit Board) mounting and is characterized by its small footprint and high reliability. | Parameter | Description | | :--- | :--- | | **Switch Type** | Toggle Switch | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Switch Function** | On-Off-On (or On-On depending on exact variant) | | **Terminal Type** | PC Pin / Through-hole | | **Contact Material** | Gold or Silver plated (R/N suffix usually denotes contact material/plating) | | **Actuator Style** | Standard Bat/Toggle | | **Mounting Angle** | Right Angle or Vertical (B1 usually indicates a specific terminal shape) | --- ## 2. Key Electronic Features ### A. Contact Mechanism The "R/N" in the part number often refers to the **Contact Rating**: * **Gold Plating:** Used for "Logic Level" switching (low voltage/current) to prevent oxidation. * **Silver Plating:** Used for higher power applications where a small arc helps clean the contacts. ### B. Mechanical Durability These switches are rated for thousands of cycles. The internal "snap-action" or "over-center" mechanism ensures that the electronic contact is made swiftly, reducing the risk of electrical "bounce" which can confuse digital circuits (like microcontrollers). ### C. Form Factor The **0B1** designation typically refers to the physical spacing of the pins (pitch) and the orientation of the actuator. In most miniature switches: * **Pitch:** 2.54mm (0.1 inch), making it compatible with standard breadboards and prototyping PCBs. * **Sealing:** Many in this series are "Process Sealed," meaning they can withstand wave soldering and cleaning solvents without the internal contacts becoming contaminated. --- ## 3. Typical Application Schematic In a digital circuit, the W2TS-0B1-R/N is often used as an input selector. ```cpp // Example: Using the switch to toggle between two modes // Pin 1: To VCC (3.3V) // Pin 2: To Microcontroller Input (with Pull-down resistor) // Pin 3: To GND if (digitalRead(switchPin) == HIGH) { // Mode A activated } else { // Mode B activated } ``` --- ## 4. Part Number Breakdown (Estimated) | Segment | Meaning | | :--- | :--- | | **W2** | Series designation (Miniature/Sub-miniature) | | **TS** | Toggle Switch | | **0B1** | Specific Terminal style (likely Right Angle or specific PC tail length) | | **R/N** | RoHS compliance status or Contact Material (Gold/Silver) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage and current rating for the W2TS-0B1-R/N?
    • ⤷ Does this switch require a debounce circuit when connected to a microcontroller?
    • ⤷ Is the W2TS-0B1-R/N wash-tight for wave soldering processes?