W2TS-0A1-R2/N
AI

The **W2TS-0A1-R2/N** belongs to a series of industrial-grade wireless temperature sensors, typically manufactured by companies like **Wiliot** or associated IoT hardware partners. These devices are designed for massive-scale IoT deployments, focusing on battery-free or low-power sensing.
Below is a breakdown of the electronic components and technical specifications for this specific part.
---
### 1. Core Technical Specifications
The device is primarily an **Ambient Powered Sensor** (or ultra-low-power battery-assisted) used for cold chain monitoring and asset tracking.
| Feature | Specification |
| :--- | :--- |
| **Connectivity** | Bluetooth Low Energy (BLE) 2.4GHz |
| **Sensing Parameter** | Temperature (Precision Thermistor/Digital Sensor) |
| **Power Source** | RF Energy Harvesting or Thin-film Battery |
| **Operating Range** | -20°C to +60°C (Typical) |
| **Form Factor** | Flexible Sticker / "IoT Pixel" Tag |
| **Compliance** | RoHS, FCC/CE certified |
---
### 2. Functional Electronic Blocks
The "W2TS" internal architecture generally consists of four primary sections:
#### A. The Bluetooth SoC (System on Chip)
This is the "brain" of the unit. It is an ARM-based or proprietary low-power processor that:
* Manages the wireless advertising packets.
* Handles the encryption for secure data transmission.
* Converts analog signals from the temperature sensor to digital data.
#### B. Energy Management Unit (EMU)
Unlike traditional electronics, these parts are designed to function on microwatts ($\mu W$):
* **Harvesting:** It captures energy from ambient radio frequencies (cell towers, Wi-Fi routers).
* **Storage:** Uses a small onboard capacitor or thin-film battery to buffer power for the BLE burst.
#### C. Temperature Sensing Element
* **Type:** Usually a high-precision NTC (Negative Temperature Coefficient) thermistor or a CMOS integrated sensor.
* **Accuracy:** Typically calibrated to within $\pm 0.5^\circ C$ or $\pm 1^\circ C$ depending on the specific "R2" revision.
#### D. Antenna System
* A printed PCB antenna or an etched aluminum/copper inlay.
* Designed for **Omni-directional** broadcasting to ensure the sensor can be read regardless of orientation on a package.
---
### 3. Part Number Decoder (Typical)
While proprietary, the nomenclature usually follows this logic:
* **W2:** Series identifier (Wireless/Wiliot Generation 2).
* **TS:** **T**emperature **S**ensor functionality.
* **0A1:** Hardware configuration (Antenna type/Gain).
* **R2:** Revision 2 (Hardware/Firmware update).
* **N:** No Battery (Energy Harvesting) or specific North American frequency tuning.
---
### 4. Implementation Logic
```python
# Conceptual logic of the W2TS firmware loop
while True:
energy_level = read_harvester_voltage()
if energy_level >= THRESHOLD_V:
temp_data = read_sensor_adc()
encrypted_packet = encrypt(temp_data, device_key)
ble_advertise(encrypted_packet)
deep_sleep(1000) # Save power for next harvest cycle
```
- ⤷
What are the typical reading ranges for the W2TS series using a standard BLE gateway?
- ⤷ How does the 'battery-free' energy harvesting work in a warehouse environment?
- ⤷ Are there specific mounting instructions for these sensors on metallic surfaces?