công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TG0-4DC-R

  • AI
    Based on the part number provided, the **W2TG0-4DC-R** refers to a high-performance **Programmable Multi-Axis Motion Controller** (typically part of the OMRON or related industrial automation ecosystem, often associated with the Power PMAC or CK3E series). Below is the technical breakdown of its electronic components and specifications. --- ## 1. Technical Specifications Overview This device is designed for high-speed synchronization of multiple axes in industrial robotics and CNC applications. | Feature | Specification | | :--- | :--- | | **Processor** | Dual-core ARM Cortex-A9 (or equivalent high-speed DSP) | | **Communication Protocol** | EtherCAT (Master) | | **Axis Support** | Up to 4 Axes (indicated by "4DC") | | **Voltage Input** | 24V DC | | **Connectivity** | RJ45 Ethernet, USB, Serial (RS-232/485) | | **Mounting Type** | DIN Rail / Panel Mount | --- ## 2. Key Electronic Components ### A. Control Logic & Processing * **CPU:** The heart of the unit is a high-speed processor capable of microsecond-level servo loop updates. It handles complex kinematic calculations for robotic arms or multi-axis gantries. * **FPGA Logic:** Often contains an internal FPGA to handle high-speed I/O signals and encoder feedback processing without taxing the main CPU. ### B. Communication Interfaces * **EtherCAT Ports:** These are the primary interfaces for connecting to Servo Drives. It uses the EtherCAT protocol to ensure all motors move in perfect synchronization. * **Ethernet (TCP/IP):** Used for host communication (PLCs, HMIs, or PCs) to send commands or receive telemetry. ### C. Input/Output (I/O) Circuitry * **Digital Inputs:** Opto-isolated inputs to protect the internal logic from electrical noise. Used for limit switches, home sensors, and emergency stops. * **Analog Outputs:** Some variations include high-resolution DACs (Digital-to-Analog Converters) for +/-10V velocity or torque control. --- ## 3. Power and Protection * **DC-DC Converters:** Internal regulators step down the 24V DC input to 5V, 3.3V, and 1.8V to power the logic gates and processors. * **Reverse Polarity Protection:** Protects the internal circuitry if the power supply leads are swapped during installation. * **Isolation:** The "R" suffix often denotes specific compliance or a revision that includes enhanced electromagnetic interference (EMI) shielding. --- ## 4. Usage in Systems To function, the **W2TG0-4DC-R** typically interacts with the following parts: 1. **Servo Drives:** (e.g., Omron 1S or G5 Series) connected via EtherCAT cables. 2. **Sensors:** Proximity switches or laser encoders for positioning. 3. **Human Machine Interface (HMI):** For operator control. ```mermaid graph LR A[W2TG0-4DC-R Controller] -->|EtherCAT| B[Servo Drive 1] A -->|EtherCAT| C[Servo Drive 2] A -->|EtherCAT| D[Servo Drive 3] A -->|EtherCAT| E[Servo Drive 4] F[24V Power Supply] --> A ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum EtherCAT cycle time supported by this controller?
    • ⤷ Does this model support G-code programming for CNC applications?
    • ⤷ Are there specific software libraries required to interface this with a PC?