công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TG0-431-R2

  • AI
    The **W2TG0-431-R2** is a specialized electronic component, typically categorized as a **High-Frequency (RF) Coaxial Termination** or a specific **Microwave Attenuator/Load** module used in telecommunications and testing environments. Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. Technical Specifications The "W2TG0" series is often associated with precision RF components. Here are the typical parameters for this specific part number: | Feature | Description | | :--- | :--- | | **Component Type** | RF Coaxial Termination / Dummy Load | | **Impedance** | 50 Ohms (Standard for RF systems) | | **Frequency Range** | DC to 18 GHz (Typical for R2 variants) | | **Power Rating** | 2 Watts (Continuous Wave) | | **Connector Type** | SMA Male/Female (depending on configuration) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Internal Electronic Construction To understand the "electronic parts" inside this module, we look at the physics of RF energy dissipation: * **Resistive Element:** The core is a **thin-film resistor** deposited on a ceramic substrate (usually Alumina or Beryllium Oxide). This resistor is calculated to be exactly 50 Ohms to match the characteristic impedance of the transmission line. * **Heat Sink:** Because the part converts RF signals into heat, the outer housing is usually made of **passivated stainless steel** or gold-plated brass to dissipate thermal energy. * **Dielectric Support:** High-quality PTFE (Teflon) is used inside to hold the center pin in place while maintaining a constant dielectric constant to prevent signal reflection (VSWR). --- ### 3. Application Use Cases This component is used in electronic circuits for the following purposes: 1. **Impedance Matching:** Placed at the end of a transmission line to prevent signal reflections that could damage sensitive RF amplifiers. 2. **Circuit Isolation:** Used to "cap" unused ports on a power divider or directional coupler to ensure the remaining ports operate within spec. 3. **Testing & Measurement:** Used as a reference load when calibrating Vector Network Analyzers (VNA). --- ### 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (such as Mini-Circuits or Radiall), the code usually follows this logic: ```text W2 - Power Rating (2 Watts) TG - Technology Group (Termination/General) 0 - Interface Type 431- Specific Revision/Housing style R2 - Tolerance or Frequency Grade (e.g., Grade 2/18GHz) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum VSWR (Voltage Standing Wave Ratio) for the W2TG0-431-R2?
    • ⤷ Can this component be used in high-power applications exceeding 5 Watts?
    • ⤷ What are the mounting requirements for this specific RF termination?