công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TG0-2CY-R

  • AI
    The **W2TG0-2CY-R** is a specific part number typically associated with **Hose Barb Manifolds** or specialized fluid control components produced by companies like **SMC Corporation**. While the core of the unit is often pneumatic or fluidic, the "electronic parts" or electronic characteristics associated with such systems usually involve the sensors or control interfaces used to manage the flow. --- ### 1. Component Overview Below is a breakdown of the typical electronic and technical specifications associated with this series: | Feature | Description | | :--- | :--- | | **Component Type** | Manifold / Fluid Control Interface | | **Actuation** | Usually paired with Solenoid Valves | | **Power Consumption** | Typically 0.1W to 0.5W (if using energy-saving circuits) | | **Voltage Options** | Standard 12V DC or 24V DC | | **Response Time** | High-speed electronic switching (approx. 10ms - 30ms) | --- ### 2. Key Electronic Characteristics #### A. Solenoid Control The manifold acts as the base for electronic solenoid valves. These valves use an electromagnetic coil to move a plunger. * **Coil Resistance:** Varies by voltage but is designed for low heat generation. * **Polarity:** Most modern units include a non-polar surge suppressor to protect the driving PLC (Programmable Logic Controller). #### B. Electrical Connection Methods The "electronic" side of this part usually interfaces via: 1. **Plug-in Connectors:** M8 or M12 circular connectors for industrial environments. 2. **D-Sub Connectors:** Used for multi-pin serial wiring to reduce cabling. 3. **Lead Wires:** Direct wire-to-board connections for simple setups. #### C. Integrated Protection Most units in this category feature: * **Surge Voltage Suppressor:** Prevents back-EMF from damaging the electronic driver. * **LED Indicator:** A small SMD (Surface Mount Device) LED that lights up when the coil is energized for visual troubleshooting. --- ### 3. Wiring Configuration (General Example) If this unit is used in an automated system, the wiring typically follows this logic: ```yaml Pin Configuration: - Pin 1: +24V DC (Signal/Power) - Pin 2: 0V (Common/Ground) - Pin 3: Earth/Shield (Optional for noise reduction) ``` --- ### 4. Application Context In an electronic manufacturing or automation context, the W2TG0-2CY-R is used to: * Provide precision air/fluid pulses for pick-and-place machines. * Interface with sensors that feedback pressure data to a central CPU. * Enable "Smart Factory" integration via IO-Link or Fieldbus protocols.
    ✨ Follow-up Questions
    • ⤷ What is the specific voltage requirement for the W2TG0-2CY-R?
    • ⤷ Does this model support IO-Link communication?
    • ⤷ How do I replace the solenoid coil on this manifold?