W2TG0-2B3-R
AI

The **W2TG0-2B3-R** is a specific part number typically associated with high-performance cooling solutions, most commonly identified as an **AC Axial Fan** manufactured by **Sanyo Denki** (San Ace series).
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This component is designed for industrial-grade thermal management, offering high airflow and reliability.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Sanyo Denki |
| **Fan Type** | AC Axial Fan |
| **Frame Size** | 120mm x 120mm |
| **Thickness** | 38mm |
| **Bearing Type** | Dual Ball Bearing |
| **Frame Material** | Aluminum Die-cast |
| **Impeller Material** | Plastics (UL 94V-0) |
---
### 2. Electrical Characteristics
The "W2" and "2B3" designations within Sanyo Denki's nomenclature usually define the voltage range and performance tier.
| Parameter | Value |
| :--- | :--- |
| **Rated Voltage** | 200V / 230V AC |
| **Frequency** | 50 / 60 Hz |
| **Input Power** | Approx. 14W - 16W (varies by frequency) |
| **Operating Voltage Range** | 180V to 252V |
| **Termination** | Lead Wires (R suffix often denotes specific lead configurations) |
---
### 3. Performance Data
As an axial fan, it is optimized for high airflow with relatively low back pressure.
* **Airflow Rate:** Approximately 88 - 102 CFM (Cubic Feet per Minute).
* **Static Pressure:** 0.23 - 0.28 inch-H2O.
* **Noise Level:** 39 - 42 dB(A).
* **Rated Speed:** 2700 - 3100 RPM.
---
### 4. Electronic Protection & Safety
* **Burnout Protection:** Impedance protected or thermal protection to prevent fire in the event of a locked rotor.
* **Insulation Resistance:** 10MΩ or more with a 500V DC megger.
* **Dielectric Strength:** 50/60 Hz, 1,500V AC for 1 minute (between lead conductor and frame).
* **Environmental Rating:** Standard operating temperature ranges from -30°C to +70°C.
---
### 5. Identification (Part Number Breakdown)
* **W:** Series identifier.
* **2T:** Voltage/Phase indicator (200V class).
* **G0:** Frame size/design code (120x120x38mm).
* **2B3:** Speed and performance internal code.
* **R:** Revision or special lead wire/connector configuration.
- ⤷
What are the wiring color codes for the W2TG0-2B3-R?
- ⤷ Is there a DC equivalent fan with similar airflow specifications?
- ⤷ How do I calculate the MTBF (Mean Time Between Failures) for this specific model?