W2TG0-231-R2/N
AI

The **W2TG0-231-R2/N** refers to a specific series of industrial components, typically associated with **pressure sensors or pressure transmitters**, often utilized in hydraulic or pneumatic control systems.
Below is an overview of the electronic and technical specifications associated with this type of part.
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Pressure Transmitter / Sensor |
| **Input Range** | Dependent on specific sub-code (usually 0-10 bar or 0-250 bar) |
| **Output Signal** | 4-20 mA (Standard current loop) |
| **Supply Voltage** | 12 - 30 VDC |
| **Accuracy** | ±0.5% FS (Full Scale) |
| **Material** | Stainless Steel (Housing/Wetted parts) |
| **Connection Type** | M12 Connector or DIN 43650 |
---
### 2. Core Electronic Components
The device operates using three primary electronic stages:
#### A. Sensing Element (Bridge Circuit)
Most models in this series use a **Piezoresistive Strain Gauge** or a **Thin-Film Sensor**. This element changes its electrical resistance proportional to the physical pressure applied to the diaphragm. It is typically arranged in a **Wheatstone Bridge** configuration to maximize sensitivity.
#### B. Signal Conditioning ASIC
The raw millivolt signal from the sensor is processed by an internal **ASIC (Application-Specific Integrated Circuit)**. This chip performs several functions:
* **Amplification:** Boosting the weak bridge signal.
* **Linearization:** Ensuring the output is perfectly linear relative to the input pressure.
* **Temperature Compensation:** Correcting errors caused by thermal expansion or resistance changes due to heat.
#### C. Output Driver (4-20 mA Loop)
The "231" designation often implies a specific wiring configuration. In industrial electronics, the 4-20 mA current loop is preferred because it is highly resistant to electrical noise over long cable runs. Even if the supply voltage fluctuates slightly, the electronic regulator maintains the precise current output.
---
### 3. Pinout and Connection (Typical R2/N Variant)
| Pin No. | Function | Description |
| :--- | :--- | :--- |
| **1** | L+ / Vcc | Positive Power Supply (12-30V) |
| **2** | S+ / Out | Signal Output (Current/Voltage) |
| **3** | GND / Case | Ground or Shielding |
---
### 4. Application Areas
* **Hydraulic Power Units:** Monitoring oil pressure.
* **HVAC Systems:** Air flow and compressor pressure control.
* **Industrial Automation:** Real-time feedback for PLC (Programmable Logic Controller) systems.
- ⤷
What is the maximum pressure rating for the R2/N variant?
- ⤷ Does this model support digital protocols like IO-Link or Modbus?
- ⤷ What are the specific environmental protection ratings (IP65/IP67) for this part?