W2TG0-1B2-R
AI

## Technical Overview of W2TG0-1B2-R
The **W2TG0-1B2-R** is a specific electronic component typically identified as a **tactile switch** or a low-profile electromechanical part. While part numbers can vary slightly between manufacturers (commonly associated with brands like **Well Buying** or specific industrial suppliers), it generally refers to a miniature, surface-mount or through-hole interface component.
---
### Key Specifications
Below are the typical electrical and mechanical characteristics associated with this part series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Contact Rating** | 50mA @ 12V DC (Typical) |
| **Insulation Resistance** | 100MΩ Min at 100V DC |
| **Dielectric Strength** | 250V AC for 1 Minute |
| **Operating Force** | 160gf to 250gf (Depending on sub-variant) |
| **Travel distance** | 0.25mm ± 0.1mm |
| **Operating Life** | 100,000 to 500,000 Cycles |
---
### Internal Electronic Construction
The device functions as a **SPST (Single Pole Single Throw)**, Normally Open (NO) switch. Its internal parts include:
1. **The Cover:** Usually stainless steel or high-temperature plastic to protect the internal dome.
2. **The Actuator (Stem):** The physical button pressed by the user. The "1B2" suffix often denotes the height or color of this stem.
3. **The Contact Dome:** A metallic "snap" dome that provides tactile feedback and completes the circuit when depressed.
4. **The Base:** A heat-resistant molded resin that houses the terminals.
5. **Terminals:** Silver-plated or gold-plated brass for soldering onto a PCB.
---
### Application Usage
These parts are commonly found in:
* **Consumer Electronics:** Volume buttons, power toggles, and selection keys.
* **Industrial Controls:** Reset switches on embedded boards.
* **Peripherals:** Computer mice, keyboards, and handheld scanners.
---
### Terminal Configuration Example
In a standard 4-pin tactile switch layout, the internal wiring usually looks like this:
```text
Pin 1 --- Pin 2 (Connected Internally)
| |
[ Switch Gap ]
| |
Pin 3 --- Pin 4 (Connected Internally)
```
---
- ⤷
What is the exact physical dimension (footprint) of the W2TG0 series?
- ⤷ Are there waterproof (IP67) versions of this specific switch?
- ⤷ What does the 'R' suffix indicate regarding packaging (e.g.
- ⤷ Tape & Reel)?