công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TG0-1A2-R2

  • AI
    The **W2TG0-1A2-R2** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls where a physical user input (a "click") is required. --- ### Technical Specifications Below are the general technical parameters associated with this series of tactile switches: | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Operating Force** | Typically 160gf to 250gf (varies by sub-model) | | **Contact Rating** | 50mA @ 12V DC (Standard) | | **Contact Resistance** | ≤ 100mΩ | | **Insulation Resistance** | ≥ 100MΩ (100V DC) | | **Mechanical Life** | 100,000 to 500,000 cycles | | **Operating Temperature** | -40°C to +85°C | --- ### Key Electronic & Physical Characteristics #### 1. Form Factor The "W2TG" series is often characterized by its low profile and small footprint, making it ideal for high-density PCB (Printed Circuit Board) designs. The **-R2** suffix usually denotes the packaging type, specifically **Tape & Reel**, which is required for automated Pick-and-Place assembly machines. #### 2. Switching Logic * **Circuit:** SPST - NO (Single Pole Single Throw - Normally Open). * **Function:** The switch completes the circuit only while the button is being depressed. Once released, the internal spring mechanism returns the contact to the "Open" state. #### 3. Tactile Feedback The internal construction utilizes a stainless steel dome. When pressed, the dome collapses, providing a sharp "click" sensation (tactile feedback) to the user and establishing the electrical connection. --- ### Common Applications * **Consumer Electronics:** Smartwatch buttons, camera shutters, and volume rockers. * **Automotive:** Steering wheel controls, dashboard buttons, and key fobs. * **Computing:** Mouse buttons and reset switches on motherboards. * **Medical:** Interface buttons on portable diagnostic equipment. --- ### Usage Precautions * **Soldering:** Being an SMD component, it should be soldered using Reflow Soldering profiles. Excessive heat or prolonged manual soldering iron contact can melt the plastic housing or damage the internal dome. * **Cleaning:** Ensure the part is "Washable" or "Sealed" if your manufacturing process involves aqueous cleaning; otherwise, flux ingress can cause contact failure.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the W2TG0-1A2-R2 footprint?
    • ⤷ Does this switch have an IP rating for water and dust resistance?
    • ⤷ What are the alternative part numbers for high-temperature environments?