công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TG0-124-R

  • AI
    The **W2TG0-124-R** is a specific part number typically associated with high-performance **miniature RF (Radio Frequency) electromechanical coaxial switches**. These components are widely used in telecommunications, satellite equipment, and automated test environments. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "W2TG" series generally refers to a **Transfer (DPDT)** switch configuration. This means it can switch between two paths or cross-connect signals. | Feature | Specification | | :--- | :--- | | **Switch Type** | Transfer Switch (DPDT) | | **Connector Type** | SMA Female | | **Actuator Voltage** | 24 - 28 VDC | | **Operating Frequency** | DC to 18 GHz (typically) | | **Impedance** | 50 Ohms | | **Indicator Circuits** | Yes (indicated by the "R" suffix in some configurations) | --- ### 2. Key Electronic Components & Operation #### A. The Actuator System The device uses a **failsafe** or **latching** actuator mechanism (depending on the specific sub-model). * **Voltage:** It operates at 24V. When voltage is applied, the internal solenoid moves the RF contactors to a new position. * **Current Draw:** These switches usually require a specific pulse or steady current (often around 100-200mA) to maintain or change state. #### B. RF Contact Mechanism The internal parts utilize gold-plated contacts to ensure: 1. **Low Insertion Loss:** Minimizing signal power loss as it passes through the switch. 2. **High Isolation:** Preventing signal "leakage" between disconnected ports. 3. **VSWR (Voltage Standing Wave Ratio):** Maintaining a low reflection rate to protect sensitive RF amplifiers. #### C. Control Circuitry The "R" suffix often denotes the inclusion of **Self-Cutoff** or **Indicator** circuits. * **Indicators:** These are internal auxiliary contacts that allow a microcontroller or monitoring system to verify the physical position of the switch. * **TTL Compatibility:** Some versions allow for TTL logic level control, removing the need for high-power switching transistors on the user's control board. --- ### 3. Application Use Cases Because of its high precision and SMA connectors, the W2TG0-124-R is found in: * **Redundancy Switching:** Swapping to a backup signal path if a primary transmitter fails. * **Signal Routing:** Directing high-frequency signals to different testing instruments. * **Phase Shifting:** Altering the path length of a signal to adjust phase. --- ### 4. Schematic Representation The DPDT (Transfer) function is electronically represented as follows: ```text Position 1: Position 2: J1 <---> J2 J1 <---> J4 J3 <---> J4 J2 <---> J3 (Straight) (Crossed) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling (Watts) for the W2TG0-124-R at 18GHz?
    • ⤷ What is the difference between a 'Failsafe' and 'Latching' actuator in this model?
    • ⤷ Are there specific PCB mounting footprint requirements for this SMA switch?