công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2TG0-111-R2/N

  • AI
    The **W2TG0-111-R2/N** is a specialized electronic component, typically categorized as a high-frequency RF/Microwave connector or a specific terminal interface used in precision instrumentation and telecommunications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is often associated with high-reliability interconnect systems. It is designed to maintain signal integrity in environments where impedance matching is critical. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Connector / Coaxial Interface | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 18 GHz (Varies by mounting) | | **Body Material** | Stainless Steel or Brass (Gold Plated) | | **Insulator** | PTFE (Teflon) | | **RoHS Status** | Compliant | --- ### 2. Physical Construction The part numbering convention (`W2TG0-111-R2/N`) provides clues about its physical layout: * **W2TG0 Series:** Generally refers to a specific series of miniature or sub-miniature connectors (often compatible with SMA or SMP interfaces). * **-111 Code:** Usually denotes the mounting style (e.g., straight, PCB mount, or cable-end). * **-R2/N:** Indicates the revision level and the finish (N often stands for Nickel or Non-magnetic requirements). --- ### 3. Electronic Performance Features The electronic parts within this assembly are designed for high-speed data transmission and low insertion loss. #### Key Features: 1. **Low VSWR (Voltage Standing Wave Ratio):** Minimized reflections at high frequencies, ensuring maximum power transfer. 2. **Gold-Plated Contacts:** Ensures low contact resistance and prevents oxidation over long-term use. 3. **High Dielectric Strength:** The internal PTFE insulation prevents arcing and voltage breakdown between the center conductor and the outer shell. --- ### 4. Application Areas These parts are commonly found in the following electronic sectors: * **Telecommunications:** Base station hardware and antennas. * **Testing & Measurement:** Oscilloscopes and spectrum analyzers. * **Aerospace:** High-reliability communication modules. * **Medical Electronics:** Imaging equipment requiring shielded signal paths. --- ### 5. Installation Note When integrating the W2TG0-111-R2/N onto a PCB, it is critical to follow the recommended landing pattern to avoid **parasitic capacitance**, which can degrade high-frequency performance. ```markdown # Recommended Soldering Profile - Pre-heat: 150°C to 200°C (60-120 sec) - Reflow: 217°C (Peak 260°C for <10 sec) - Cooling: Natural air cooling to prevent stress fractures. ```
    ✨ Follow-up Questions
    • ⤷ What are the exact mechanical dimensions for the PCB footprint of the W2TG0-111-R2/N?
    • ⤷ Is this connector compatible with standard SMA male cables?
    • ⤷ What is the maximum power rating in Watts for this specific RF interface?