W2SP-2BB-R2/UL
AI

The **W2SP-2BB-R2/UL** is a specialized electronic component typically associated with high-power industrial surge protective devices (SPDs) or power distribution blocks, often manufactured by companies like **Mersen** (formerly Ferraz Shawmut) or similar industrial electrical brands.
---
### ## Component Specification Overview
This part is designed for thermal protection and circuit interruption in industrial power environments. Below is a breakdown of its primary characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Surge Protective Device (SPD) Module / Thermal Protector |
| **Configuration** | 2-Pole (2BB - 2 Base/Bus) |
| **Voltage Rating** | Typically 600V AC (varies by specific application) |
| **Certification** | UL Recognized (Underwriters Laboratories) |
| **Mounting** | DIN Rail or Panel Mount |
| **Reset/Indicator** | R2 denotes specific visual or remote signaling options |
---
### ### Key Electronic Functionality
1. **Thermal Disconnection:**
The "W2SP" series generally incorporates a patented thermal disconnect technology. In the event of an Overvoltage or "End-of-Life" surge event, the internal mechanism safely disconnects the MOV (Metal Oxide Varistor) to prevent catastrophic failure or fire.
2. **Modular Design:**
The "2BB" designation indicates it is a two-module base configuration. This allows for easy replacement of individual protection cartridges without rewiring the entire system.
3. **Visual and Remote Monitoring:**
The **R2** suffix usually indicates the inclusion of **Remote Indication Contacts**. This is a dry contact (form C) that allows the system to send a signal to a PLC or monitoring station if the device has tripped or failed.
---
### ### Typical Internal Components
To understand how this part functions electronically, it is comprised of the following:
* **MOV (Metal Oxide Varistor):** The core component that clamps high-voltage spikes to a safe level.
* **Thermal Fuse/Link:** A heat-sensitive bridge that melts if the MOV overheats due to sustained overvoltage.
* **Micro-switch:** Activated by the mechanical movement of the thermal fuse to provide the "R2" remote signal.
* **Arc Shielding:** Internal barriers to prevent internal arcing during a disconnect event.
---
### ### Safety and Standards
As indicated by the **UL** suffix, this component meets strict safety standards for surge suppression (likely UL 1449). This ensures that under fault conditions, the device fails in a "fail-safe" mode, protecting the downstream sensitive electronics.
- ⤷
What are the specific wiring diagrams for the R2 remote contact signal?
- ⤷ How does the W2SP-2BB-R2/UL compare to a standard circuit breaker?
- ⤷ What is the maximum surge current capacity (Imax) for this specific model?