W2SP-2BB-R2/CE
AI

The **W2SP-2BB-R2/CE** is a high-performance **Signal Conditioner** (Isolator/Converter) manufactured by **M-System**. It is part of the M-Rester series, specifically designed to convert a DC input signal into two isolated DC output signals while providing lightning surge protection.
---
### ## Technical Specifications
The following table outlines the primary electronic characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Ultra-slim Signal Conditioner (W2SP Series) |
| **Input Type** | 4 – 20 mA DC |
| **Output 1** | 4 – 20 mA DC |
| **Output 2** | 4 – 20 mA DC |
| **Power Input (R2)** | 11 – 27 V DC |
| **Isolation** | Input to output 1 to output 2 to power |
| **Dielectric Strength** | 2000 V AC @ 1 minute |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Standards** | CE Marking |
---
### ### Core Electronic Components & Architecture
The internal circuitry is divided into four main sections to ensure signal integrity and safety:
1. **Input Conditioning Circuit:**
* Features a low-impedance shunt resistor to convert the current loop into a voltage signal.
* Includes a **Surge Absorber** at the input terminals to protect the internal electronics from high-voltage spikes (lightning or switching surges).
2. **Galvanic Isolation (Optical/Magnetic):**
* Uses high-speed optocouplers or transformers to transfer the signal across an isolation barrier.
* This prevents "Ground Loops," which can cause measurement errors in industrial environments.
3. **Dual Output Buffers:**
* The signal is split into two independent stages.
* Each output has its own driver circuit, ensuring that a short circuit or failure on "Output 1" does not affect "Output 2."
4. **DC/DC Converter:**
* The "R2" designation indicates a 24V DC power requirement.
* An internal high-frequency switching regulator converts the input power into multiple isolated rails to power the input and output stages separately.
---
### ### Key Application Features
* **Space Efficiency:** The "Ultra-slim" design allows for high-density mounting on DIN rails.
* **Maintenance:** Features a plug-in base socket, allowing the electronic module to be replaced without disconnecting the field wiring.
* **Noise Immunity:** Designed for harsh industrial environments with high electromagnetic interference (EMI).
- ⤷
How do I calibrate the zero and span adjustments on this module?
- ⤷ What is the maximum load resistance supported by the 4-20mA outputs?
- ⤷ Can this module be used with a 110V AC power supply?