W2SP-2AD-R2/CE
AI

The **W2SP-2AD-R2/CE** is a high-performance, ultra-slim signal conditioner (specifically an analog-to-digital transmitter) manufactured by **M-System**. It is designed to convert two independent DC input signals into two independent DC output signals while providing galvanic isolation.
---
## 1. Technical Specifications Overview
Below are the primary electronic characteristics of the W2SP-2AD-R2/CE:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | W2SP (Ultra-slim, 2-channel output) |
| **Configuration** | 2 Inputs / 2 Outputs |
| **Power Input** | 24V DC (Operating range 24V ±10%) |
| **Isolation** | 4-way isolation (Input 1 to Input 2 to Output to Power) |
| **Standard Compliance** | CE Marking (EMC Directive) |
| **Mounting** | DIN Rail |
---
## 2. Detailed Electronic Components & Functions
### A. Dual Channel Input/Output
This device is a "Signal Splitter" or "Dual Transmitter."
- **Input:** It typically accepts DC signals (such as 4-20mA or 1-5V).
- **Output:** It reproduces these signals for downstream devices like PLCs or SCADA systems. The "2AD" code indicates the specific factory-set I/O combination.
### B. The "R2" Power Spec
The **R2** suffix is critical for the internal power circuitry:
- It signifies a **24V DC** power supply requirement.
- It features ripple prevention and surge protection to ensure stable signal conversion even in electrically noisy industrial environments.
### C. Isolation Circuitry
The device employs high-grade opto-couplers or magnetic transformers to achieve **4-way isolation**.
- **Benefit:** This prevents "Ground Loops," where small voltage differences between the ground points of different equipment cause measurement errors or hardware damage.
- **Dielectric Strength:** Usually rated for 2000V AC for 1 minute.
### D. CE Compliance
The **/CE** suffix confirms the electronics meet European safety and electromagnetic compatibility standards:
- **EMI (Electromagnetic Interference):** Low emission, won't interfere with nearby electronics.
- **EMS (Electromagnetic Susceptibility):** High immunity to external radio frequencies and static discharge.
---
## 3. Terminal Connection Diagram (General)
Standard wiring for this type of electronic module follows this logic:
```text
[ Input 1 ] (1) (+) (5) (+) [ Output 1 ]
(2) (-) (6) (-)
[ Input 2 ] (3) (+) (7) (+) [ Output 2 ]
(4) (-) (8) (-)
[ Power ] (9) (+) 24V DC
(10)(-) 0V
```
---
## 4. Summary of Use Case
You would use the **W2SP-2AD-R2/CE** when you need to send two different sensor signals into a control cabinet while ensuring that any electrical noise or surges on the field side do not reach your sensitive controller (PLC). Its ultra-slim design allows for high-density installation in cramped electrical panels.
- ⤷
What are the specific input and output signal ranges for the 2AD model?
- ⤷
How does 4-way isolation differ from standard 3-way isolation in this unit?
- ⤷
What is the maximum power consumption of the W2SP-2AD-R2/CE?