công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2SP-21D-R2/UL

  • AI
    The **W2SP-21D-R2/UL** is a specific model of a **Slim Solid State Relay (SSR)**, typically manufactured by companies like **Wago** or similar industrial automation providers. These devices are used to switch electrical loads without moving parts, offering high reliability and high-speed switching. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics of this component: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Mounting Type** | DIN 35 Rail (Slim Design) | | **Control Voltage (Input)** | 24 VDC (Typical for '21D' series) | | **Switching Voltage (Output)** | 250 VAC / 30 VDC (Application dependent) | | **Continuous Current** | ~2 A to 5 A (Varies by specific load type) | | **Isolation** | Optocoupler-based electrical isolation | | **Certifications** | UL Listed (Underwriters Laboratories) | --- ### 2. Key Electronic Parts & Components The internal architecture of the W2SP-21D-R2/UL consists of three primary stages: #### A. Input Circuit (Control Side) * **LED Indicator:** Usually features a green or red LED to indicate the status of the control signal. * **Current Limiting Resistor:** Protects the internal optocoupler from overcurrent when 24V is applied. * **Reverse Polarity Protection:** A diode integrated to prevent damage if the input wires are swapped. #### B. Isolation Layer * **Optocoupler:** This is the heart of the SSR. It uses a light signal to bridge the gap between the low-voltage control side and the high-voltage load side, ensuring no physical electrical connection exists (preventing feedback damage to PLCs). #### C. Output Circuit (Load Side) * **Switching Element:** Depending on whether it is AC or DC output, it uses a **Triac** (for AC) or a **MOSFET/Transistor** (for DC). * **Snubber Circuit:** A combination of a resistor and capacitor (RC circuit) used to suppress voltage spikes and electrical noise when switching inductive loads. * **Zero-Cross Trigger (Optional):** Ensures the relay switches only when the AC voltage is at zero, reducing Electromagnetic Interference (EMI). --- ### 3. Application Advantages 1. **Silent Operation:** Since there are no mechanical contacts, there is no "clicking" sound. 2. **Long Life Cycle:** Unlike mechanical relays, SSRs do not suffer from contact pitting or mechanical wear. 3. **Space Efficiency:** The "Slim" profile allows for high-density mounting on DIN rails in control cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this SSR and a standard mechanical relay?
    • ⤷ How do I wire the W2SP-21D-R2/UL to a PLC?
    • ⤷ What is the maximum switching frequency for this specific model?