W2SP-21D-R2
AI

## W2SP-21D-R2 Electronic Component Overview
The **W2SP-21D-R2** is a specialized high-performance **2-Port SFP/SFP+ Cage and Connector Assembly**. It is primarily used in networking equipment to interface fiber optic or copper transceiver modules with a Printed Circuit Board (PCB).
### 1. Key Specifications and Features
| Feature | Specification / Detail |
| :--- | :--- |
| **Component Type** | SFP+ (Small Form-factor Pluggable Plus) |
| **Configuration** | 1x2 (Dual Port / 2-Port) |
| **Data Rate** | Supports up to 10 Gbps (per port) |
| **Mounting Type** | Press-fit (Solderless) or Through-hole |
| **Orientation** | Right Angle / Horizontal |
| **Integrated Components** | EMI Gaskets and Light Pipes (model dependent) |
---
### 2. Major Electronic & Mechanical Parts
The assembly consists of several critical sub-components that ensure electrical integrity and mechanical stability:
#### A. The Connector Housing
The main body is usually made of a high-temperature thermoplastic (LCP - Liquid Crystal Polymer). This material is chosen for its:
* **Thermal Stability:** It can withstand reflow soldering temperatures.
* **Precision:** Allows for high-density pin spacing (0.8mm pitch).
#### B. Signal Contacts (Pins)
These are the gold-plated copper alloy pins located inside the cage that mate with the transceiver module.
* **Gold Plating:** Ensures low contact resistance and prevents oxidation over long periods.
* **Differential Pairs:** The layout is optimized for high-speed differential signaling to minimize crosstalk and EMI.
#### C. EMI Shielding (The Cage)
The "W2SP" series features a robust metal cage (usually nickel silver or stainless steel) designed to:
* **Contain EMI:** Prevents high-frequency noise from escaping the module.
* **Grounding:** Provides multiple grounding points to the PCB to discharge static and reduce interference.
#### D. Light Pipes (Optional)
Depending on the specific "R2" revision sub-type, the unit may include clear polycarbonate light pipes. These "bend" light from surface-mount LEDs on the PCB to the front panel, providing status indicators (Link/Activity) for each port.
---
### 3. Applications
The W2SP-21D-R2 is commonly found in high-bandwidth environments including:
* **Network Switches and Routers:** Connecting enterprise-level hardware.
* **Storage Area Networks (SAN):** Used in high-speed data storage arrays.
* **Network Interface Cards (NICs):** Providing SFP+ slots for servers.
* **Telecommunications Infrastructure.**
---
- ⤷
What are the specific PCB footprint requirements for the W2SP-21D-R2?
- ⤷ Does this model support SFP28 or higher data rates beyond 10Gbps?
- ⤷ What is the recommended EMI gasket material for this specific cage?