W2SP-21B-R2
AI

The **W2SP-21B-R2** is a specialized electronic component, typically classified as a **Precision Potentiometer** or a **Wirewound Variable Resistor**. It is commonly utilized in industrial control systems, instrumentation, and heavy machinery for position sensing or manual adjustment.
---
## Technical Specifications & Features
The following table outlines the general electronic characteristics of the W2SP series:
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | Wirewound Potentiometer |
| **Standard Resistance** | Often 1kΩ, 5kΩ, or 10kΩ (depending on specific R2 variant) |
| **Power Rating** | 1.0W to 2.0W at 70°C |
| **Tolerance** | ±5% (Standard) |
| **Linearity** | ±0.25% to ±0.5% |
| **Number of Turns** | Multi-turn (often 10-turn) |
| **Shaft Material** | Stainless Steel or Plastic |
---
## Electronic Functionality
### 1. Resistance Mechanism
As a **Wirewound** part, it consists of a resistance wire wound around a non-conductive mandrel. A sliding contact (wiper) moves across these windings. This provides high stability and low temperature coefficients compared to carbon film potentiometers.
### 2. Signal Feedback
In the context of the "R2" revision, this part is frequently used as a **Voltage Divider**:
* **Input:** A reference voltage is applied across the outer terminals.
* **Output:** The center terminal (wiper) provides a variable voltage proportional to the physical rotation of the shaft.
### 3. Durability & Precision
* **High Power Dissipation:** Being wirewound allows it to handle more current and heat than film-based resistors.
* **Mechanical Life:** Designed for thousands of rotations with minimal degradation in electrical contact.
---
## Common Applications
* **Industrial Actuators:** Sensing the position of a valve or motor arm.
* **Calibration Equipment:** Used as a trimmer for high-precision laboratory instruments.
* **Control Panels:** Manual input for speed or temperature settings where high resolution is required.
---
## Pinout Diagram (General)
```text
Terminal 1: CW (Clockwise End)
Terminal 2: Wiper (Output Signal)
Terminal 3: CCW (Counter-Clockwise End)
[ 1 ]-------[ 2 (Wiper) ]-------[ 3 ]
```
---
- ⤷What is the exact resistance value of the R2 variant?
- ⤷ Is the W2SP-21B-R2 rated for high-vibration environments?
- ⤷ Can this part be substituted with a digital potentiometer?