W2SP-1B1-R
AI

The **W2SP-1B1-R** is a specific high-performance electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a similar magnetic component depending on the specific manufacturer series (often associated with brands like Cooper Bussmann/Eaton or similar industrial electronics suppliers).
Below is a breakdown of its technical characteristics and typical applications.
---
### 1. Technical Specifications
The part number usually follows a specific coding system. Here are the core electronic properties:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Power Inductor / Wirewound Surface Mount |
| **Inductance** | (Varies by sub-series, often 1.0 µH to 10 µH range) |
| **Tolerance** | Usually ±20% |
| **Core Material** | Ferrite or Powdered Iron (High saturation) |
| **Mounting Type** | SMD/SMT (Surface Mount Technology) |
| **Operating Temp** | -40°C to +125°C (Automotive/Industrial Grade) |
| **Packaging** | Tape and Reel (indicated by the `-R` suffix) |
### 2. Physical Construction
The "W" in the prefix often denotes a **Wirewound** construction. This design involves:
* **Copper Coil:** High-quality copper wire wound around a core to provide the necessary magnetic flux.
* **Magnetic Shielding:** Many parts in this series are shielded to minimize Electromagnetic Interference (EMI), which is critical for dense PCB layouts.
* **Terminations:** Solder-plated terminals designed for reflow soldering processes.
### 3. Key Electronic Features
* **High Current Handling:** Designed to manage high DC currents without saturating the magnetic core.
* **Low DCR (DC Resistance):** Minimized resistance to reduce power loss and heat generation, increasing the overall efficiency of the power circuit.
* **RoHS Compliant:** The `-R` suffix at the end often signifies compliance with environmental regulations (Lead-free).
### 4. Common Applications
These parts are generally used in power management stages, including:
1. **DC-DC Converters:** Step-up (Boost) or Step-down (Buck) regulators.
2. **Voltage Regulator Modules (VRM):** Used in computing and server environments.
3. **Battery Powered Devices:** Where high efficiency is required to extend battery life.
4. **Filtering:** Used in input/output filters to smooth current ripples.
---
### Comparison: Shielded vs. Unshielded
In the context of the W2SP series, the construction is usually optimized for a balance between size and performance:
| Feature | Shielded (Typical W2SP) | Unshielded |
| :--- | :--- | :--- |
| **EMI Leakage** | Very Low | High |
| **Size** | Slightly larger footprint | Smaller |
| **Cost** | Higher | Lower |
- ⤷
What are the specific current ratings (Isat and Irms) for the W2SP-1B1-R?
- ⤷ How does the footprint of this component compare to standard 0805 or 1210 SMD packages?
- ⤷ Are there specific alternative parts from manufacturers like TDK or Murata?