công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2SP-1AA-R2/UL

  • AI
    The **W2SP-1AA-R2/UL** is a specialized electronic component, specifically a **Power Control Relay / Solenoid Valve Driver**, often used in industrial automation, HVAC systems, and pneumatic control. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with this part number: | Specification | Details | | :--- | :--- | | **Component Type** | Solenoid Valve / Relay Driver | | **Input Voltage** | Typically 24V DC (Standard for UL/Industrial) | | **Current Rating** | High-density switching (Rated for inductive loads) | | **Mounting Type** | DIN Rail or Panel Mount | | **Compliance** | **UL Listed** (Underwriters Laboratories) | | **Environment** | Industrial grade (High temperature/vibration resistance) | --- ### 2. Electronic Architecture The device is engineered to bridge the gap between low-power control signals (from a PLC or Microcontroller) and high-power mechanical actions. * **Isolation Barrier:** It usually contains internal opto-isolation to protect the sensitive control circuitry from back-EMF (Electromotive Force) generated by the solenoid coils. * **Switching Element:** Uses robust transistors or internal relays designed for repetitive cycling. * **Protection Circuitry:** Often includes flyback diodes or Varistors to suppress voltage spikes when the inductive load is disconnected. --- ### 3. Application Use Cases This part is specifically designed for environments where reliability is critical: 1. **Pneumatic Manifolds:** Controlling air valves in assembly lines. 2. **HVAC Dampers:** Actuating heavy-duty air flow controllers. 3. **Process Control:** Managing the flow of fluids in chemical or food processing where UL certification is required for safety standards. --- ### 4. Part Number Breakdown (W2SP Series) * **W2SP:** Indicates the series (likely a Slimline or Power series driver). * **1AA:** Typically refers to the contact configuration (e.g., Single Pole, Normally Open). * **R2:** Revision or resistance rating code for the internal coil/actuator. * **UL:** Explicitly denotes that the part meets US and Canadian safety standards for industrial equipment.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the W2SP-1AA series?
    • ⤷ Can this component be used with a 12V DC input instead of 24V?
    • ⤷ What is the maximum switching frequency for this solenoid driver?