W2SP-14D-R2/N
AI

The **W2SP-14D-R2/N** refers to a high-density, industrial-grade **Solid State Relay (SSR) Module**, typically manufactured by companies like **Wago** or as part of specialized interface relay systems. These components are designed to bridge the gap between low-power control signals (from a PLC or MCU) and high-power loads.
### 1. Technical Specifications Overview
| Parameter | Characteristic |
| :--- | :--- |
| **Component Type** | Solid State Relay (SSR) / Interface Module |
| **Channel Count** | Often 14-Channel (Density-optimized) |
| **Input Voltage** | Typically 24V DC (Standard Control Logic) |
| **Output Type** | N-Type (NPN/Negative Common) or MOSFET based |
| **Mounting Type** | DIN Rail (TS-35) |
| **Connection Technology** | Push-in CAGE CLAMP® or Screw Terminals |
---
### 2. Key Electronic Features
#### A. Opto-Isolation
The "Solid State" nature means there are no moving parts. It uses an **Optical Isolator** (LED + Phototransistor) internally to separate the control circuit from the load circuit. This prevents voltage spikes in the load from damaging the sensitive controller (PLC).
#### B. N-Channel / Negative Switching (/N)
The **/N** suffix generally indicates a **Negative switching** logic (Common Positive).
* **Source:** The load is connected to a permanent positive rail.
* **Switch:** The SSR completes the circuit to the ground/negative rail when activated.
#### C. High Switching Speed & Longevity
Unlike mechanical relays, this electronic part:
* Supports high-frequency switching (PWM compatible).
* Has an "infinite" mechanical life because there are no contacts to wear out or arc.
---
### 3. Circuit Block Diagram Representation
```mermaid
graph LR
Input[24V DC Signal] --> Opto[Opto-Isolator]
Opto --> Driver[MOSFET Driver]
Driver --> Load[Output Load]
style Opto fill:#f9f,stroke:#333,stroke-width:2px
```
---
### 4. Application Use Cases
* **PLC Output Expansion:** Used when the internal PLC relays are too weak or slow for the application.
* **Solenoid Valve Control:** Fast-acting control for pneumatic or hydraulic systems.
* **Heater Control:** Managing PID loops for temperature stability where frequent cycling is required.
* **Signal Level Shifting:** Converting logic levels between different industrial hardware.
- ⤷
What are the maximum current ratings for the output channels?
- ⤷ How does the /N version differ from a /P (Positive) version in wiring?
- ⤷ Does this module include integrated over-current protection?