AI

The **W2SP-141-R2/N** is a specialized electronic component typically associated with high-precision sensing or signal processing modules, often used in industrial automation or specific telecommunications hardware.
### 1. General Specifications
While specific datasheets can vary by manufacturer (often associated with brands like **Zippy** or specialized electronics suppliers), this part number typically refers to a high-quality **Micro Switch** or **Connector Interface**.
| Attribute | Typical Specification |
| :--- | :--- |
| **Part Series** | W2SP Series |
| **Terminal Type** | Solder or PCB Mount (Right Angle variant) |
| **Contact Rating** | Usually low voltage/current (e.g., 0.1A to 3A) |
| **Housing Material** | High-temp Thermoplastic |
| **Operating Temperature** | -25°C to +85°C |
---
### 2. Breakdown of the Part Number
The alphanumeric code usually follows a modular logic:
* **W2SP**: The base series identifier (often indicating a waterproof or subminiature form factor).
* **141**: Specific internal configuration, contact arrangement (SPDT/SPST), or physical dimensions.
* **R2**: Usually indicates the **Actuator Type** (e.g., a specific lever length or button shape) or **Right-angle** mounting orientation.
* **N**: Often signifies the contact material (e.g., **Nickel** or Gold plating) or a specific force rating (Newton).
---
### 3. Key Electronic Characteristics
These parts are designed for reliability in harsh environments. Key features include:
1. **Contact Resistance**: Low initial contact resistance (typically <50mΩ) to ensure signal integrity.
2. **Dielectric Strength**: Ability to withstand voltage spikes without insulation breakdown.
3. **Mechanical Life**: High cycle count, often rated for 100,000 to 1,000,000 operations.
4. **IP Rating**: If it is the "W" (Waterproof) series, it often carries an IP67 rating, protecting against dust and water immersion.
---
### 4. Implementation Example
In a circuit, this part is used as a limit switch or a tactile feedback sensor. Below is a generic logic representation for integrating such a component into a microcontroller circuit:
```cpp
// Basic Arduino code for a W2SP Series Switch
const int switchPin = 2; // Connected to the switch
void setup() {
pinMode(switchPin, INPUT_PULLUP); // Use internal resistor
Serial.begin(9600);
}
void loop() {
int state = digitalRead(switchPin);
if (state == LOW) {
Serial.println("Switch Triggered!");
}
}
```
- ⤷
What is the exact IP rating for the W2SP-141 series?
- ⤷ Can this component be used in high-voltage AC applications?
- ⤷ What are the physical dimensions and mounting footprint for the R2 variant?