W2SP-132-R2/N
AI

## W2SP-132-R2/N: Technical Overview
The **W2SP-132-R2/N** is a specific model within the **W2SP Series** of surface-mount (SMT) common mode chokes, primarily manufactured by vendors like **Walsin Technology** or similar magnetic component specialists. These components are designed to suppress electromagnetic interference (EMI) in high-speed data lines.
---
### 1. Key Technical Specifications
Below are the typical electronic characteristics for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Common Mode Filter / Choke |
| **Common Mode Impedance** | 130 $\Omega$ (at 100 MHz) |
| **Tolerance** | $\pm$ 25% |
| **Rated Current** | 400 mA (Max) |
| **DC Resistance (RDC)** | 0.35 $\Omega$ (Max) |
| **Rated Voltage** | 50 VDC |
| **Insulation Resistance** | 10 M$\Omega$ (Min) |
| **Package Size** | 1.2mm x 1.0mm (EIA 0504) |
---
### 2. Functional Description
The W2SP-132-R2/N acts as a specialized inductor with two coils wound around a single core. It is engineered to distinguish between two types of signals:
1. **Differential Mode (Signal):** Allows the desired data signal to pass through with minimal attenuation.
2. **Common Mode (Noise):** Provides high impedance to noise signals that travel in the same direction on both lines, effectively "choking" the interference and forcing it to ground or dissipating it.
---
### 3. Application Use Cases
This part is commonly found in compact consumer electronics where space is limited but high-speed data integrity is critical.
* **USB 2.0 / 3.0 Lines:** Suppressing noise in high-speed serial interfaces.
* **HDMI / DisplayPort:** Maintaining signal purity in video transmission.
* **MIPI Interfaces:** Used in mobile phone camera and display modules.
* **LVDS:** Low-voltage differential signaling for internal board-to-board connections.
---
### 4. Circuit Diagram Representation
In a schematic, the part is represented as two coupled inductors:
```text
Pin 1 (Input +) ●-------( Coil 1 )-------● Pin 4 (Output +)
Pin 2 (Input -) ●-------( Coil 2 )-------● Pin 3 (Output -)
```
---
- ⤷
What is the difference between common mode and differential mode noise?
- ⤷ How does the 130 Ohm impedance affect high-speed signal integrity?
- ⤷ Are there alternative footprints available for the W2SP series?