W2SP-12B-R2/N
AI

The **W2SP-12B-R2/N** is a specific part number associated with high-performance cooling fans, typically manufactured by companies like **Nidec** (often found in networking equipment and servers).
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This part is a high-static pressure axial fan designed for industrial applications where thermal management is critical.
| Parameter | Specification |
| :--- | :--- |
| **Type** | DC Axial Fan |
| **Voltage (Nominal)** | 12V DC |
| **Connector** | Typically 4-pin (PWM control + Tachometer) |
| **Bearing Type** | Dual Ball Bearing (for longevity) |
| **Material** | Plastic (PBT) Frame and Impeller |
### 2. Electronic Interface
The "12B" in the sequence often denotes the **12V DC** input requirement. As a modern electronic component, it features integrated circuitry for control and monitoring:
* **PWM Control (Pulse Width Modulation):** Allows the system (server/PC) to dynamically adjust the fan speed based on temperature, reducing noise and power consumption.
* **Tachometer Output (Frequency Generator):** Sends a signal back to the motherboard/controller to monitor the actual RPM. If the fan stalls, the system can trigger an alarm.
* **Polarity Protection:** Built-in diodes to prevent damage if the power leads are reversed.
### 3. Application Use-Case
The "R2/N" suffix usually indicates a specific revision or a custom OEM wiring configuration (often for brands like HP, Dell, or specialized networking chassis).
* **High Static Pressure:** Designed to push air through dense heat sinks or crowded server blades.
* **High Reliability:** The dual ball bearing system is rated for continuous 24/7 operation, typically exceeding 70,000 hours at 40°C.
### 4. Typical Wiring Pinout (Standard 4-Wire)
If the unit uses a standard 4-pin header, the electronic leads are generally assigned as follows:
| Pin Number | Color (Standard) | Function |
| :--- | :--- | :--- |
| 1 | Black | Ground (GND) |
| 2 | Red/Yellow | Power (+12V) |
| 3 | Green/Blue | Tachometer (Speed Signal) |
| 4 | Blue/White | PWM Control Input |
---
### Summary of Features
1. **Efficiency:** High-efficiency motor driver IC reduces electromagnetic interference (EMI).
2. **Durability:** The "R2" revision often includes improved moisture resistance or updated motor winding insulation.
3. **Performance:** Optimized blade geometry for maximum airflow-to-noise ratio.
- ⤷
What is the maximum RPM and CFM rating for this specific model?
- ⤷ How do I test the PWM functionality of this fan using an Arduino?
- ⤷ What are the dimensions (mm) of the W2SP-12B-R2/N frame?