W2SP-123-R/N
AI

## Electronic Specifications and Overview: W2SP-123-R/N
The **W2SP-123-R/N** is a specific model within the **W2SP Series** of surface-mount (SMD) wire-wound resistors, often utilized in power management and sensing applications. Below is a detailed breakdown of its electronic components and characteristics.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic behavior:
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Wire-wound Surface Mount Resistor |
| **Series** | W2SP (Standard Precision / Power) |
| **Resistance Value** | Defined by the "123" code (12k $\Omega$ or 123 $\Omega$ depending on manufacturer standard) |
| **Tolerance** | Typically ±1% or ±5% (denoted by the suffix) |
| **Configuration** | R (Standard Reel) / N (Non-Inductive option or RoHS compliant) |
---
### 2. Internal Construction
As a wire-wound component, its internal structure differs significantly from standard thick-film resistors:
1. **Core:** A high-grade ceramic (Alumina) rod that provides thermal stability.
2. **Resistive Element:** A precision alloy wire (like Manganin or NiCr) wound tightly around the core.
3. **Coating:** A flameproof, high-temperature silicone or epoxy molding that protects the wire from oxidation and mechanical stress.
4. **Terminations:** Solder-plated caps or pads designed for reflow soldering.
---
### 3. Electronic Performance Characteristics
The **W2SP-123-R/N** is engineered for specific electronic environments:
* **Surge Handling:** Due to the wire-wound nature, it can handle significantly higher energy surges and pulses compared to film resistors.
* **Temperature Coefficient (TCR):** Low TCR (typically ±20ppm/°C to ±50ppm/°C), meaning the resistance remains stable even as the component heats up.
* **Inductance:** Standard wire-wound resistors have inherent inductance; however, the "N" variant often implies a **non-inductive Ayrton-Perry winding**, which cancels out magnetic fields.
---
### 4. Common Applications
These parts are typically found in the following electronic circuits:
* **Power Supplies:** Used as a current sensing resistor.
* **Motor Controllers:** For snubbing circuits or limiting inrush current.
* **Industrial Automation:** High-reliability circuits where thermal cycling is frequent.
* **Medical Equipment:** Where precision and longevity are critical.
---
- ⤷What is the exact resistance value of the '123' code for this specific manufacturer?
- ⤷ Does the 'N' suffix indicate a non-inductive winding or RoHS compliance in this series?
- ⤷ What is the maximum power rating (Wattage) for the W2SP series?