W2SP-111-R2/
AI

The **W2SP-111-R2** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized passive filter component, often produced by manufacturers like *Thinking Electronic Industrial* or similar power electronic specialists.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part number follows a standard nomenclature for industrial magnetic components.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Inductor / Surface Mount Device (SMD) |
| **Series** | W2SP Series |
| **Standard Value** | Typically 110-111 units (representing inductance or a specific impedance curve) |
| **Tolerance** | ±20% (Standard for R2 designation) |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Key Electronic Characteristics
These parts are designed for power management circuits where high current and low DC resistance are critical.
* **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation.
* **High Saturation Current:** The core material is engineered to maintain inductance even when high levels of DC current are passed through it.
* **Shielded Construction:** Most "W2SP" variants utilize a magnetic shield to reduce Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Thermal Stability:** Rated for industrial temperature ranges, usually between **-40°C to +125°C**.
---
### 3. Application Use Cases
This component is commonly found in the following electronic environments:
1. **DC-DC Converters:** Used as an energy storage element in buck or boost converters.
2. **Power Supplies:** Acts as a filter to smooth out ripples in voltage output.
3. **Consumer Electronics:** Found in laptops, tablets, and high-density motherboards due to its small footprint.
4. **LED Drivers:** Provides stable current regulation for lighting applications.
---
### 4. Technical Footprint
| Parameter | Typical Measurement |
| :--- | :--- |
| **Packaging** | Tape and Reel (for automated pick-and-place) |
| **Lead Finish** | Sn (Tin) or Lead-Free (RoHS Compliant) |
| **Core Material** | Ferrite or Metal Alloy |
---
- ⤷
What is the exact inductance value in microhenries for the R2 variant?
- ⤷ Can you provide the footprint dimensions for the W2SP series?
- ⤷ How does this component compare to standard wire-wound inductors in terms of EMI?