W2SP-111-R2
AI

The **W2SP-111-R2** is a specialized electronic component primarily categorized as an **RF Splitter/Combiner**. It is commonly utilized in wireless communication systems to distribute signals across multiple paths or combine multiple inputs into a single output.
---
### 1. Technical Specifications
The following table outlines the core electronic characteristics of the W2SP-111-R2:
| Feature | Description |
| :--- | :--- |
| **Component Type** | 2-Way Power Splitter / Combiner |
| **Configuration** | 0° Phase Shift (In-phase) |
| **Impedance** | 50 Ohms (Standard RF) |
| **Frequency Range** | Typically optimized for sub-GHz to low GHz bands |
| **Package Type** | Surface Mount (SMD) |
| **Material** | Ceramic or LTCC (Low Temperature Co-fired Ceramic) |
---
### 2. Key Electronic Functions
The W2SP-111-R2 performs several critical roles in a circuit:
* **Power Division:** It splits an incoming RF signal into two equal-power output signals with minimal loss.
* **Signal Combination:** It can work in reverse, merging two input signals into one output while maintaining impedance matching.
* **Isolation:** It ensures that the two output ports are electronically isolated from each other. This prevents reflections or noise from one branch from affecting the other branch.
* **Impedance Matching:** Designed to maintain a 50-ohm environment to prevent Standing Wave Ratio (SWR) issues and signal degradation.
---
### 3. Application Areas
This part is typically found in the following electronic systems:
1. **Base Stations:** For distributing signals between different antenna arrays.
2. **Test Equipment:** Splitting a source signal to a device under test and a reference monitor.
3. **IoT Gateways:** Managing multiple wireless protocols (like Zigbee or LoRa) that share antenna paths.
4. **Signal Repeaters:** Used to boost and distribute cellular or Wi-Fi signals within buildings.
---
### 4. Circuit Implementation Example
In a typical PCB layout, the part is connected as follows:
```mermaid
graph LR
Input[Input Port] --> Splitter[W2SP-111-R2]
Splitter --> Out1[Output 1: -3dB]
Splitter --> Out2[Output 2: -3dB]
```
---
- ⤷
What is the exact frequency range (MHz/GHz) for this specific model?
- ⤷ What is the typical insertion loss for the W2SP-111-R2?
- ⤷ Are there recommended PCB layout techniques to maintain 50-ohm impedance for this part?