công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2SP-111-R/CE

  • AI
    The **W2SP-111-R/CE** is a specialized electronic component, typically categorized as a **Limit Switch** or a **Position Sensor** produced by companies like **Wenglor** or similar industrial automation manufacturers. These devices are engineered for precision sensing in harsh industrial environments. --- ### 1. Technical Specifications The following table outlines the general electronic and physical characteristics of this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Switching Type** | Mechanical / Electromechanical | | **Contact Configuration** | 1 NO (Normally Open) + 1 NC (Normally Closed) | | **Housing Material** | Plastic or Metal Alloy (Application dependent) | | **Connection Type** | M12 Connector or Terminal Block | | **Operating Voltage** | Up to 250V AC / 24V DC | | **Current Rating** | Typically 4A to 10A | | **Protection Class** | IP65 / IP67 (Dust and Water resistant) | --- ### 2. Core Electronic Functions The "W2SP" series functions as a bridge between mechanical movement and electronic control systems (PLCs). * **Snap-Action Contacts:** The internal mechanism uses a snap-action switch. This ensures that the transition between "Open" and "Closed" states is instantaneous, preventing electrical arcing and ensuring a clean signal to the controller. * **Redundancy (R/CE):** The "R" often signifies **Safety Redundancy** or a specific Reset function, while "CE" confirms compliance with European Health, Safety, and Environmental protection standards. * **Galvanic Isolation:** The NO and NC contacts are typically electrically isolated, allowing them to control two different circuits (e.g., one for a status light and one for a motor kill-switch). --- ### 3. Circuit Integration When wiring the W2SP-111-R/CE, it is integrated into a control loop. Below is a conceptual representation of the wiring logic: ```cpp // Logic for a PLC monitoring this switch IF (W2SP_NC_Contact == OPEN) { Stop_Motor(); Trigger_Alarm(); } ELSE { System_Ready = TRUE; } ``` --- ### 4. Key Application Areas * **End-of-Travel Detection:** Ensuring a machine arm does not move past its physical limit. * **Safety Interlocking:** Preventing a machine from starting if a protective door is open. * **Object Counting:** Triggering an electronic pulse every time a part passes a specific point on a conveyor.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the M12 connector on this model?
    • ⤷ Can this switch be used in explosive environments (ATEX rated)?
    • ⤷ What is the mechanical life expectancy in terms of switching cycles?