công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2RS-62B-R

  • AI
    The **W2RS-62B-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Wire-wound Common Mode Choke/Resistor** depending on the specific manufacturer series (often associated with brands like Viking or specific custom magnetic component providers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. General Specifications The part number follows a standardized naming convention used for precision electronic components. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Wire-wound Surface Mount Component | | **Series** | W2RS (High-frequency / High-current) | | **Size Code** | 62 (Typically refers to 6.3mm x 6.3mm footprint) | | **Tolerance** | B (±0.1% or ±0.25% depending on specific manufacturer datasheet) | | **Packaging** | R (Tape & Reel) | --- ## 2. Key Electronic Characteristics ### A. Construction The "W" in the prefix usually denotes a **Wire-wound** construction. This involves winding a copper wire around a ceramic or ferrite core. This design is preferred for: * High current carrying capacity. * Low DC resistance (DCR). * Superior thermal stability compared to multilayer types. ### B. Electrical Performance * **Inductance/Resistance Stability:** The "62B" designation suggests a specific value (often 6.2 units of measurement, such as μH or Ohms) with a high-precision tolerance. * **Thermal Dissipation:** Designed with a flat top for automated SMT (Surface Mount Technology) assembly and efficient heat transfer to the PCB. * **Shielding:** Many components in this series are "Magnetic Shielded" to prevent Electromagnetic Interference (EMI) with neighboring components. --- ## 3. Applications The W2RS-62B-R is commonly found in the following electronic environments: 1. **DC-DC Converters:** Used as a power inductor for voltage regulation. 2. **Noise Filtering:** Acts as a choke to filter out high-frequency noise in power lines. 3. **Telecommunications:** Used in base stations and networking hardware due to its high reliability. 4. **Consumer Electronics:** Found in laptops and high-end power adapters where space and heat management are critical. --- ## 4. Technical Pinout & Mounting * **Package Type:** SMD (Surface Mount Device). * **Terminations:** Usually matte tin-plated over nickel barrier to ensure excellent solderability and prevent "leaching" during the reflow soldering process. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2RS-62B-R?
    • ⤷ Which manufacturer produces the W2RS-62B-R series?
    • ⤷ How does the 'B' tolerance code affect circuit performance in power applications?